Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6255AHAZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6255AHAZ
Description  Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6255AHAZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6255AHAZ Datasheet HTML 5Page - Renesas Technology Corp ISL6255AHAZ Datasheet HTML 6Page - Renesas Technology Corp ISL6255AHAZ Datasheet HTML 7Page - Renesas Technology Corp ISL6255AHAZ Datasheet HTML 8Page - Renesas Technology Corp ISL6255AHAZ Datasheet HTML 9Page - Renesas Technology Corp ISL6255AHAZ Datasheet HTML 10Page - Renesas Technology Corp ISL6255AHAZ Datasheet HTML 11Page - Renesas Technology Corp ISL6255AHAZ Datasheet HTML 12Page - Renesas Technology Corp ISL6255AHAZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ISL6255, ISL6255A
FN9203 Rev 2.00
Page 9 of 22
May 23, 2006
DCIN
The DCIN pin is the input of the internal 5V LDO. Connect it to
the AC adapter output. Connect a 0.1µF ceramic capacitor
from DCIN to CSON.
ACSET
ACSET is an AC adapter detection input. Connect to a resistor
divider from the AC adapter output.
ACPRN
Open-drain output signals AC adapter is present. ACPRN pulls
low when ACSET is higher than 1.26V; and pulled high when
ACSET is lower than 1.26V.
DCSET
DCSET is a lower voltage adapter detection input (like aircraft
power 15V).Allows the adapter to power the system where
battery charging has been disabled.
DCPRN
Open-drain output signals DC adapter is present. DCPRN pulls
low when DCSET is higher than 1.26V; and pulled high when
DCSET is lower than 1.26V.
EN
EN is the Charge Enable input. Connecting EN to high enables
the charge control function, connecting EN to low disables
charging functions. Use with a thermistor to detect a hot
battery and suspend charging.
ICM
ICM is the adapter current output. The output of this pin
produces a voltage proportional to the adapter current.
PGND
PGND is the power ground. Connect PGND to the source of
the low side MOSFET.
VDD
VDD is an internal LDO output to supply IC analog circuit.
Connect a 1
F ceramic capacitor to ground.
VDDP
VDDP is the supply voltage for the low-side MOSFET gate
driver. Connect a 4.7
 resistor to VDD and a 1F ceramic
capacitor to power ground.
ICOMP
ICOMP is a current loop error amplifier output.
VCOMP
VCOMP is a voltage loop amplifier output.
CELLS
This pin is used to select the battery voltage. CELLS = VDD for
a 4S battery pack, CELLS = GND for a 3S battery pack,
CELLS = Float for a 2S battery pack.
VADJ
VADJ adjusts battery regulation voltage. VADJ = VREF for
4.2V+5%/cell; VADJ = Floating for 4.2V/cell; VADJ = GND for
4.2V-5%/cell. Connect to a resistor divider to program the
desired battery cell voltage between 4.2V-5% and 4.2V+5%.
CHLIM
CHLIM is the battery charge current limit set pin.CHLIM input
voltage range is 0.1V to 3.6V. When CHLIM = 3.3V, the set
point for CSOP-CSON is 165mV. The charger shuts down if
CHLIM is forced below 88mV.
ACLIM
ACLIM is the adapter current limit set pin. ACLIM = VREF for
100mV, ACLIM = Floating for 75mV, and ACLIM = GND for
50mV. Connect a resistor divider to program the adapter
current limit threshold between 50mV and 100mV.
VREF
VREF is a 2.39V reference output pin. It is internally
compensated. Do not connect a decoupling capacitor.


Similar Part No. - ISL6255AHAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6255AHAZ INTERSIL-ISL6255AHAZ Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255AHAZ INTERSIL-ISL6255AHAZ Datasheet
659Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255AHAZ INTERSIL-ISL6255AHAZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255AHAZ-T INTERSIL-ISL6255AHAZ-T Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results

Similar Description - ISL6255AHAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com