Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61862GCRZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL61862GCRZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL61862GCRZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL61862GCRZ Datasheet HTML 1Page - Renesas Technology Corp ISL61862GCRZ Datasheet HTML 2Page - Renesas Technology Corp ISL61862GCRZ Datasheet HTML 3Page - Renesas Technology Corp ISL61862GCRZ Datasheet HTML 4Page - Renesas Technology Corp ISL61862GCRZ Datasheet HTML 5Page - Renesas Technology Corp ISL61862GCRZ Datasheet HTML 6Page - Renesas Technology Corp ISL61862GCRZ Datasheet HTML 7Page - Renesas Technology Corp ISL61862GCRZ Datasheet HTML 8Page - Renesas Technology Corp ISL61862GCRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL6186
FN7698 Rev 2.00
Page 5 of 18
November 3, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN to GND, Note 7) . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
EN, FAULT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VIN
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VIN 0.3V
Output Current . . . . . . . . . . . . . . . . . Short Circuit Protected; Limited to 5A
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . . . 3kV
Machine Model (Per MIL-STD-883 Method 3015.7) . . . . . . . . . . . . 300V
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Operating Conditions
Commercial Temperature Range . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial Temperature Range . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Lead SOIC Package (Note 4) . . . . . . . . . .
120
N/A
8 Lead 3x3 DFN Package (Notes 5, 6) . . .
48
6
10 Lead 3x3 DFN Package (Notes 5, 6) . .
48
6
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications VIN = 5V, TA = TJ, Unless Otherwise Specified. Boldface limits apply over the operating temperature
range, 0°C to +75°C or -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
POWER SWITCH
rDS(ON)_50
ON-Resistance at 5.0V (Pulse Tested) VIN = 5V, IOUT = 0.5A, TA = TJ = +25°C
-
45
48
m
TA = TJ = +85°C
-
50
54
m
rDS(ON)_33
ON-Resistance at 3.3V (Pulse Tested) VIN = 3.3V, IOUT = 0.5A, TA = TJ = +25°C
-
54
57
m
TA = TJ = +85°C
-
61
64
m
rDS(ON)_25
On Resistance at 2.5V (Pulse Tested) VIN = 2.5V, IOUT = 0.5A, TA = TJ = +25°C
-
65
69
m
TA = TJ = +85°C
-
74
79
m
VOUT_DIS
Disabled Output Voltage
VIN = 5V, Switch Disabled, 50µA Load
-
22
45
mV
ROUT_PD
Output Pull-Down Resistor
VIN = 5V, Switch Disabled
3.4
5
6
k
tR
VOUT Rise Time
RL = 10CL = 10µF, 10% to 90%
-
10
-
µs
tF
Slow VOUT Turn-off Fall Time
RL = 10CL = 10µF, 90% to 10%
-
200
-
µs
CURRENT CONTROL
IOUT_CONT_5
Maximum Continuous Current,
VIN =5V
Guaranteed by the Minimum Itrip
Current Specification
ISL6186xA, B, E, F
-
-
1.5
A
IOUT_CONT_5
ISL6186xC, D, G, H
-
-
3.0
A
IOUT_CONT_5
ISL6186xI, J, K, L (10 Ld DFN)
-
-
3.6
A
IOUT_CONT_3
Maximum Continuous Current,
VIN =3.3V
Guaranteed by the Minimum Itrip
Current Specification
ISL6186xA, B, E, F
-
-
1.5
A
IOUT_CONT_3
ISL6186xC, D, G, H
-
-
2.5
A
IOUT_CONT_3
ISL61861I, J, K, L (10 Ld DFN)
-
-
2.7
A
IOUT_CONT_2
Maximum Continuous Current,
VIN =2.5V
ISL6186xA, B, E, F
-
1.2
-
A
IOUT_CONT_2
ISL61861C, D, G, H (SOIC)
-
1.8
-
A
IOUT_CONT_2
ISL61862, ISL61863 C, D, G, H (DFN)
-
2
-
A
IOUT_CONT_2
ISL61863I, J, K, L (10 Ld DFN)
-
2
-
A


Similar Part No. - ISL61862GCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61862GCRZ INTERSIL-ISL61862GCRZ Datasheet
722Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61862GCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com