Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292-1CR4Z Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6292-1CR4Z
Description  Li-ion/Li Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6292-1CR4Z Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6292-1CR4Z Datasheet HTML 6Page - Renesas Technology Corp ISL6292-1CR4Z Datasheet HTML 7Page - Renesas Technology Corp ISL6292-1CR4Z Datasheet HTML 8Page - Renesas Technology Corp ISL6292-1CR4Z Datasheet HTML 9Page - Renesas Technology Corp ISL6292-1CR4Z Datasheet HTML 10Page - Renesas Technology Corp ISL6292-1CR4Z Datasheet HTML 11Page - Renesas Technology Corp ISL6292-1CR4Z Datasheet HTML 12Page - Renesas Technology Corp ISL6292-1CR4Z Datasheet HTML 13Page - Renesas Technology Corp ISL6292-1CR4Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL6292
FN9105 Rev.9.00
Page 10 of 20
December 17, 2007
Theory of Operation
The ISL6292 is an integrated charger for single-cell Li-ion or
Li-polymer batteries. The ISL6292 functions as a traditional
linear charger when powered with a voltage-source adapter.
When powered with a current-limited adapter, the charger
minimizes the thermal dissipation commonly seen in
traditional linear chargers.
As a linear charger, the ISL6292 charges a battery in the
popular constant current (CC) and constant voltage (CV)
profile. The constant charge current IREF is programmable up
to 2A (1.5A for the 3x3 DFN package) with an external resistor
or a logic input. The charge voltage VCH has 1% accuracy
over the entire recommended operating condition range. The
charger always preconditions the battery with 10% of the
programmed current at the beginning of a charge cycle, until
the battery voltage is verified to be above the minimum fast
charge voltage, VMIN. This low-current preconditioning
charge mode is named trickle mode. The verification takes 15
cycles of an internal oscillator whose period is programmable
with the timing capacitor. A thermal-foldback feature removes
the thermal concern typically seen in linear chargers. The
charger reduces the charge current automatically as the IC
internal temperature rises above +100°C to prevent further
temperature rise. The thermal-foldback feature guarantees
safe operation when the printed circuit board (PCB) is space
limited for thermal dissipation.
A TEMP pin monitors the battery temperature to ensure a
safe charging temperature range. The temperature range is
programmable with an external negative temperature
coefficient (NTC) thermistor. The TEMP pin is also used to
detect the removal of the battery.
The charger offers a safety timer for setting the fast charge time
(TIMEOUT) limit to prevent charging a dead battery for an
extensively long time. The TIMEOUT limit can be disabled as
needed by the TOEN pin. The trickle mode is limited to 1/8 of
TIMEOUT and cannot be disabled by the TOEN pin.
The charger automatically re-charges the battery when the
battery voltage drops below a recharge threshold. When the
wall adapter is not present, the ISL6292 draws less than 1µA
current from the battery.
Three indication pins are available from the charger to
indicate the charge status. The V2P8 outputs a 2.8VDC
voltage when the input voltage is above the power-on reset
(POR) level and can be used as the power-present
indication. This pin is capable of sourcing a 2mA current, so
it can also be used to bias external circuits. The STATUS pin
is an open-drain logic output that turns LOW at the beginning
of a charge cycle until the end-of-charge (EOC) condition is
qualified. The EOC condition is: the battery voltage rises
above the recharge threshold and the charge current falls
below a user-programmable EOC current threshold. Once
the EOC condition is qualified, the STATUS output rises to
HIGH and is latched. The latch is released at the beginning
of a charge or re-charge cycle. The open-drain FAULT pin
turns low when any fault conditions occur. The fault
conditions include the external battery temperature fault, a
charge time fault, or the battery removal.
Figure 17 shows the typical charge curves in a traditional
linear charger powered with a constant-voltage adapter.
From top to bottom, the curves represent the constant input
voltage, the battery voltage, the charge current and the
power dissipation in the charger. The power dissipation PCH
is given by Equation 1:
where ICHARGE is the charge current. The maximum power
dissipation occurs during the beginning of the CC mode. The
maximum power the IC is capable of dissipating is
dependent on the thermal impedance of the printed-circuit
board (PCB). Figure 17 shows (with dotted lines) two cases
that the charge currents are limited by the maximum power
dissipation capability due to the thermal foldback.
FIGURE 17. TYPICAL CHARGE CURVES USING A
CONSTANT-VOLTAGE ADAPTER
V
CH
V
MIN
V
IN
I
REF
I
REF/10
P
1
P
2
P
3
Trickle
Mode
Constant Current
Mode
Constant Voltage
Mode
Inhibit
TIMEOUT
Input Voltage
Battery Voltage
Charge Current
Power Dissipation
PCH
VIN-VBAT
 I
CHARGE
=
(EQ. 1)
FIGURE 18. TYPICAL CHARGE CURVES USING A CURRENT-
LIMITED ADAPTER
V
CH
V
MIN
V
IN
I
REF
I
REF/10
P
1
P
2
I
LIM
Trickle
Mode
Constant Current
Mode
Constant Voltage
Mode
Inhibit
TIMEOUT
Input Voltage
Battery Voltage
Charge Current
Power Dissipation


Similar Part No. - ISL6292-1CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292-1CR4Z INTERSIL-ISL6292-1CR4Z Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4Z INTERSIL-ISL6292-1CR4Z Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4Z INTERSIL-ISL6292-1CR4Z Datasheet
551Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4Z INTERSIL-ISL6292-1CR4Z Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
December 17, 2007
logo
Renesas Technology Corp
ISL6292-1CR4Z RENESAS-ISL6292-1CR4Z Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results

Similar Description - ISL6292-1CR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com