Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61863DCRZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL61863DCRZ
Description  USB Port Power Supply Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL61863DCRZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL61863DCRZ Datasheet HTML 5Page - Renesas Technology Corp ISL61863DCRZ Datasheet HTML 6Page - Renesas Technology Corp ISL61863DCRZ Datasheet HTML 7Page - Renesas Technology Corp ISL61863DCRZ Datasheet HTML 8Page - Renesas Technology Corp ISL61863DCRZ Datasheet HTML 9Page - Renesas Technology Corp ISL61863DCRZ Datasheet HTML 10Page - Renesas Technology Corp ISL61863DCRZ Datasheet HTML 11Page - Renesas Technology Corp ISL61863DCRZ Datasheet HTML 12Page - Renesas Technology Corp ISL61863DCRZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL6186
FN7698 Rev 2.00
Page 9 of 18
November 3, 2011
FIGURE 5. 1.5A CONTINUOUS CURRENT CHARACTERISTICS
FIGURE 6. 3A CONTINUOUS CURRENT CHARACTERISTICS
FIGURE 7. 3.6A CONTINUOUS CURRENT CHARACTERISTICS
FIGURE 8. LIMITING CURRENT ±3 SIGMA, VIN = 5V.
FIGURE 9. LIMITING CURRENT ±3 SIGMA, VIN = 5V
FIGURE 10. LIMITING CURRENT ±3 SIGMA, VIN = 5V
Typical Performance Curves (Continued)
TEMPERATURE (°C)
1.0
1.5
2.0
2.5
3.0
-40
25
85
5V ITRIP
3.3V ITRIP
5V Isc
2.5V ITRIP
5V ILIM
2.5V ILIM
3.3V ISC
3.3V ILIM
2.5V ISC
1.5
2.0
2.5
3.0
3.5
4.0
-40
25
85
TEMPERATURE (°C)
5V ITRIP
3.3V ITRIP
2.5V ITRIP
5V ISC
3.3V ISC
2.5V ISC
5V ILIM
2.5V ILIM
3.3V ILIM
2.0
2.5
3.0
3.5
4.0
4.5
-40
25
85
TEMPERATURE (°C)
5V ISC
3.3V ITRIP
5V ILIM
3.3V ILIM
2.5V ITRIP
2.5V ILIM
3.3V ISC
2.5V ISC
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
-40
25
85
TEMPERATURE (°C)
+3SIGMA
TYPICAL
-3SIGMA
1.5A CONTINUOUS IOUT VERSION
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
-40
25
85
TEMPERATURE (°C)
+3SIGMA
TYPICAL
-3SIGMA
3A CONTINUOUS IOUT VERSION
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
-40
25
85
TEMPERATURE (°C)
3.6A CONTINUOUS IOUT VERSION
+3SIGMA
TYPICAL
-3SIGMA


Similar Part No. - ISL61863DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61863DCRZ INTERSIL-ISL61863DCRZ Datasheet
722Kb / 18P
   USB Port Power Supply Controller
More results

Similar Description - ISL61863DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com