Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6532 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6532
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6532 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6532 Datasheet HTML 4Page - Renesas Technology Corp ISL6532 Datasheet HTML 5Page - Renesas Technology Corp ISL6532 Datasheet HTML 6Page - Renesas Technology Corp ISL6532 Datasheet HTML 7Page - Renesas Technology Corp ISL6532 Datasheet HTML 8Page - Renesas Technology Corp ISL6532 Datasheet HTML 9Page - Renesas Technology Corp ISL6532 Datasheet HTML 10Page - Renesas Technology Corp ISL6532 Datasheet HTML 11Page - Renesas Technology Corp ISL6532 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ISL6532
FN9112 Rev 4.00
Page 8 of 15
Sep 12, 2013
system enters S0/S1. None of the regulators will begin the soft
start procedure until the 5V Standby bus has exceeded POR,
the 12V bus has exceeded POR and VNCH has exceeded the
trip level.
Once all of these conditions are met, the PWM error amplifier
will first be reset by internally shorting the COMP pin to the FB
pin. This reset lasts for 2048 clock cycles which is typically
8.2ms (one clock cycle = 1/fOSC). The digital soft start
sequence will then begin.
The PWM error amplifier reference input is clamped to a level
proportional to the soft-start voltage. As the soft-start voltage
slews up, the PWM comparator generates PHASE pulses of
increasing width that charge the output capacitor(s). The internal
VTT LDO will also soft start through the reference that tracks the
output of the PWM regulator. The soft start lasts for 2048 clock
cycles, which is typically 8.2ms. This method provides a rapid and
controlled output voltage rise.
Figure 1 shows the soft start sequence for a typical cold start.
Due to the soft start capacitance, CSS, on the VREF_IN pin,
the S5 to S0 transition profile of the VTT rail will have a more
rounded features at the start and end of the soft start whereas
the VDDQ profile has distinct starting and ending points to the
ramp up.
By directly monitoring 12VATX and the SLP_S3 and SLP_S5
signals, the ISL6532 can achieve PGOOD status significantly
faster than other devices that depend on the
Latched_Backfeed_Cut signal for timing.
Active to Sleep (S0 to S3 Transition)
When SLP_S3 goes LOW with SLP_S5 still HIGH, the
ISL6532 will disable the VTT linear regulator. The VDDQ
standby regulator will be enabled and the VDDQ switching
regulator will be disabled. NCH is pulled low to disable the
backfeed blocking MOSFET. PGOOD will also transition LOW.
When VTT is disabled, the internal reference for the VTT
regulator is internally shorted to the VTT rail. This allows the
VTT rail to float. When floating, the voltage on the VTT rail will
depend on the leakage characteristics of the memory and
MCH I/O pins. It is important to note that the VTT rail may not
bleed down to 0V.
The VDDQ rail will be supported in the S3 state through the
standby VDDQ LDO. When S3 transitions LOW, the Standby
regulator is immediately enabled. The switching regulator is
disabled synchronous to the switching waveform. The shut off
time will range between 4 and 8µs. The standby LDO is
capable of supporting up to 650mA of load with P5VSBY tied
to the 5V Standby Rail. The standby LDO may receive input
from either the 3.3V Standby rail or the 5V Standby rail through
the P5VSBY pin. It is recommended that the 5V Standby rail
be used as the current delivery capability of the LDO is greater.
Sleep to Active (S3 to S0 Transition)
When SLP_S3 transitions from LOW to HIGH with SLP_S5
held HIGH and after the 12V rail exceeds POR, the ISL6532
will enable the VDDQ switching regulator, disable the VDDQ
standby regulator, enable the VTT LDO and force the NCH pin
to a high impedance state turning on the blocking MOSFET.
The internal short between the VTT reference and the VTT rail
is released. Upon release of the short, the capacitor on
VREF_IN is then charged up through the internal resistor
divider network. The VTT output will follow this capacitor
charge-up, acting as the S3 to S0 transition soft start for the
VTT rail. The PGOOD comparator is enabled only after 2048
clock cycles, or typically 8.2ms, have passed following the S3
transition to a HIGH state.
Figure 2 illustrates a typical state transition from S3 to S0. It
should be noted that the soft start profile of the VTT LDO
output will vary according to the value of the capacitor on the
VREF_IN pin.
FIGURE 1. TYPICAL COLD START
VTT
VDDQ
12VATX 2V/DIV
5VSBY
S3
S5
1V/DIV
500mV/DIV
500mV/DIV
PGOOD
5V/DIV
12V POR
SOFT START
INITIATES
SOFT START ENDS
PGOOD COMPARATOR
ENABLED
2048 CLOCK
CYCLES
2048 CLOCK
CYCLES
FIGURE 2. TYPICAL S3 to S0 STATE TRANSITION
VTT
VDDQ
12VATX 2V/DIV
S3
S5
500mV/DIV
500mV/DIV
PGOOD
5V/DIV
12V POR
PGOOD COMPARATOR
ENABLED
2048 CLOCK
CYCLES


Similar Part No. - ISL6532

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532A INTERSIL-ISL6532A Datasheet
407Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6532ACR INTERSIL-ISL6532ACR Datasheet
407Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532ACR RENESAS-ISL6532ACR Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com