Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6721ABZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6721ABZ
Description  Flexible Single-Ended Current Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6721ABZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6721ABZ Datasheet HTML 6Page - Renesas Technology Corp ISL6721ABZ Datasheet HTML 7Page - Renesas Technology Corp ISL6721ABZ Datasheet HTML 8Page - Renesas Technology Corp ISL6721ABZ Datasheet HTML 9Page - Renesas Technology Corp ISL6721ABZ Datasheet HTML 10Page - Renesas Technology Corp ISL6721ABZ Datasheet HTML 11Page - Renesas Technology Corp ISL6721ABZ Datasheet HTML 12Page - Renesas Technology Corp ISL6721ABZ Datasheet HTML 13Page - Renesas Technology Corp ISL6721ABZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ISL6721
FN9110 Rev 9.00
Page 10 of 23
May 20, 2016
Pin Descriptions
SLOPE - Means by which the ISENSE ramp slope may be
increased for improved noise immunity or improved control
loop stability for duty cycles greater than 50%. An internal
current source charges an external capacitor to GND during
each switching cycle. The resulting ramp is scaled and added
to the ISENSE signal.
SYNC - A bidirectional synchronization signal used to
coordinate the switching frequency of multiple units.
Synchronization may be achieved by connecting the SYNC
signal of each unit together or by using an external master
clock signal. The oscillator timing capacitor, CT, is still required,
even if an external clock is used. The first unit to assert this
signal assumes control.
RTCT - This is the oscillator timing control pin. The operational
frequency and maximum duty cycle are set by connecting a
resistor, RT, between VREF and this pin and a timing capacitor,
CT, from this pin to LGND. The oscillator produces a sawtooth
waveform with a programmable frequency range of 100kHz to
1.0MHz. The charge time, tC, the discharge time, tD, the
switching frequency, fsw, and the maximum duty cycle, Dmax,
can be calculated from Equations 1, 2, 3 and 4:
Figure 7 may be used as a guideline in selecting the capacitor
and resistor values required for a given frequency.
COMP - COMP is the output of the error amplifier and the input
of the PWM comparator. The control loop frequency
compensation network is connected between the COMP and
FB pins.
The ISL6721 features a built-in full cycle soft-start. Soft-start is
implemented as a clamp on the maximum COMP voltage.
FB - Feedback voltage input connected to the inverting input of
the error amplifier. The noninverting input of the error amplifier
is internally tied to a reference voltage. Current sense leading
edge blanking is disabled when the FB input is less than 2.0V.
OV - Overvoltage monitor input pin. This signal is compared to
an internal 2.5V reference to detect an overvoltage condition.
UV - Undervoltage monitor input pin. This signal is compared to
an internal 1.45V reference to detect an undervoltage
condition.
ISENSE - This is the input to the current sense comparators.
The IC has two current sensing comparators, a PWM
comparator for peak current mode control, and an overcurrent
protection comparator. The overcurrent comparator threshold
is adjustable through the ISET pin.
Exceeding the overcurrent threshold will start a delayed
shutdown sequence. Once an overcurrent condition is detected,
the soft-start charge current source is disabled and a discharge
current source is enabled. The soft-start capacitor begins
discharging, and if it discharges to less than 4.375V (sustained
overcurrent threshold), a shutdown condition occurs and the
GATE output is forced low. See “Overcurrent Operation” on
page 12 for more details. The GATE output remains low until the
reset threshold is attained. At this point, a soft-start cycle
begins.
If the overcurrent condition ceases, and then an additional
50µs period elapses before the shutdown threshold is
reached, no shutdown occurs and the soft-start voltage is
allowed to recharge.
LGND - LGND is a small signal reference ground for all analog
functions on this device.
PGND - This pin provides a dedicated ground for the output
gate driver. The LGND and PGND pins should be connected
externally using a short printed circuit board trace close to the
IC. This is imperative to prevent large, high frequency switching
currents flowing through the ground metallization inside the IC.
(Decouple VC to PGND with a low ESR 0.1µF or larger
capacitor.)
GATE - This is the device output. It is a high current power
driver capable of driving the gate of a power MOSFET with
peak currents of 1.0A. This GATE output is actively held low
when VCC is below the UVLO threshold.
The output high voltage is clamped to ~13.5V. Voltages
exceeding this clamp value should not be applied to the GATE
pin. The output stage provides very low impedance to
overshoot and undershoot.
VC - This pin is for separate collector supply to the output gate
drive. Separate VC and PGND helps decouple the IC’s analog
circuitry from the high power gate drive noise. (Decouple VC to
PGND with a low ESR 0.1µF or larger capacitor.)
VCC - VCC is the power connection for the device. Although
quiescent current, ICC, is low, it is dependent on the frequency
of operation. To optimize noise immunity, bypass VCC to LGND
with a ceramic capacitor as close to the VCC and LGND pins as
possible.
The total supply current (IC plus ICC) will be higher, depending
on the load applied to GATE. Total current is the sum of the
quiescent current and the average gate current. Knowing the
operating frequency, fsw, and the MOSFET gate charge, Qg, the
average GATE output current can be calculated in Equation 5:
VREF - The 5V reference voltage output. Bypass to LGND with a
0.01µF or larger capacitor to filter this output as needed. Using
capacitance less than this value may result in unstable
operation.
tC 0.655 RT CT
S
(EQ. 1)
tD
RT
CT LN
0.001 RT 3.6
0.001 RT 1.9
-------------------------------------------


S
(EQ. 2)
fsw
1
tD tC
+
-----------------
=
Hz
(EQ. 3)
(EQ. 4)
Dmax
tC fsw
=
(EQ. 5)
Igate
Qg fsw
=
A


Similar Part No. - ISL6721ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
More results

Similar Description - ISL6721ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com