Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6740 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6740
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6740 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6740 Datasheet HTML 2Page - Renesas Technology Corp ISL6740 Datasheet HTML 3Page - Renesas Technology Corp ISL6740 Datasheet HTML 4Page - Renesas Technology Corp ISL6740 Datasheet HTML 5Page - Renesas Technology Corp ISL6740 Datasheet HTML 6Page - Renesas Technology Corp ISL6740 Datasheet HTML 7Page - Renesas Technology Corp ISL6740 Datasheet HTML 8Page - Renesas Technology Corp ISL6740 Datasheet HTML 9Page - Renesas Technology Corp ISL6740 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ISL6740, ISL6741
FN9111 Rev.7.00
Page 6 of 30
Jul 7, 2017
ISL6740EVAL1 Component List
REFERENCE
DESIGNATOR
VALUE
DESCRIPTION
C1
1.0µF
Capacitor, 1812, X7R, 100V, 20%
TDK C4532X7R2A105M
C2, C3
3.3µF
Capacitor, 1812, X5R, 50V, 20%
TDK C4532X5R1H335M
C4, C6
1.0µF
Capacitor, 0805, X5R, 16V, 10%
TDK C2012X5R1C105K
C5, C15, C16
0.1µF
Capacitor, 0603, X7R, 50V, 10%
TDK C1608X7R1H104K
C7
Open
Capacitor, 0603, Open
C8
22µF
Capacitor, 1812, X5R, 16V, 20%
TDK C4532X5R1C226M
C9
150µF
Capacitor, Radial, Sanyo 16SH150M
C10, C11, C12,
C13, C14
1000pF Capacitor, 0603, X7R, 50V, 10%
TDK C1608X7R1H102K
C17
220pF
Capacitor, 0603, COG, 16V, 5%
TDK C1608COG1C221J
C18
0.047µF Capacitor, 0603, X7R, 16V, 10%
TDK C1608X7R1C473K
CR1, CR2
Diode, Schottky, BAT54S
CR3
Diode, Schottky, BAT54
D1
Zener, 10V, Philips BZX84-C10
L1
190nH
Pulse, P2004T
L2
1.5µH
Pulse, PG0077.142
L3
Short
Jumper or Optional Discrete Leakage
Inductance
Q5
Transistor, ON MJD31C
QL, QH
FET, Fairchild FDS3672
QR1, QR2, QR3,
QR4
FET, Fairchild FDS5670
R1, R10
3.3
Resistor, 2512, 5%
R2
3.01k
Resistor, 2512, 1%
R3, R6
10.0
Resistor, 0603, 1%
R5
3.32
Resistor, 0603, 1%
R7
75.0k
Resistor, 0805, 1%
R8, R9
20.0
Resistor, 0805, 1%
R11
100
Resistor, 0603, 1%
R12
8.06k
Resistor, 0603, 1%
R13
17.4k
Resistor, 0603, 1%
R14
Open
Resistor, 0603, Open
R15
1.27k
Resistor, 0603, 1%
R17
97.6k
Resistor, 0603, 1%
R18
3.01k
Resistor, 0603, 1%
R19, RT1
10.0k
Resistor, 0603, 1%
T1
Midcom 31718
T2
Pulse P8205T
U1
Intersil HIP2101IB
U3
ISL6740IB
ISL6740EVAL1 Component List (Continued)
REFERENCE
DESIGNATOR
VALUE
DESCRIPTION


Similar Part No. - ISL6740

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740 INTERSIL-ISL6740 Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740 INTERSIL-ISL6740 Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740 INTERSIL-ISL6740 Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results

Similar Description - ISL6740

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com