Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6745A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6745A
Description  Improved Bridge Controller with Precision Dead Time Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6745A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6745A Datasheet HTML 5Page - Renesas Technology Corp ISL6745A Datasheet HTML 6Page - Renesas Technology Corp ISL6745A Datasheet HTML 7Page - Renesas Technology Corp ISL6745A Datasheet HTML 8Page - Renesas Technology Corp ISL6745A Datasheet HTML 9Page - Renesas Technology Corp ISL6745A Datasheet HTML 10Page - Renesas Technology Corp ISL6745A Datasheet HTML 11Page - Renesas Technology Corp ISL6745A Datasheet HTML 12Page - Renesas Technology Corp ISL6745A Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ISL6745A
4. Functional Description
FN6703 Rev.2.00
Page 10 of 13
Aug 14, 2017
4.3
Soft-Start Operation
The ISL6745A features a soft-start using an external
capacitor in conjunction with an internal current source.
Soft-start reduces stresses and surge currents during
start-up.
The oscillator capacitor signal, CT, is compared to the
soft-start voltage, SS, in the SS comparator which drives
the PWM latch. While the SS voltage is less than 3.5V,
duty cycle is limited. The output pulse width increases
as the soft-start capacitor voltage increases up to 3.5V.
This has the effect of increasing the duty cycle from zero
to the maximum pulse width during the soft-start period.
When the soft-start voltage exceeds 3.5V, soft-start is
completed. Soft-start occurs during start-up and after
recovery from an overcurrent shutdown. The soft-start
voltage is clamped to 4V.
Please note the capacitance of the soft-start capacitor,
CSS. If CSS ≥ 0.1µF, the user will need to add a resistor
in series with the capacitor, 100Ω/µF (100Ω at least; 1k
at most).
4.4
Gate Drive
The ISL6745A is capable of sourcing and sinking 1A
peak current, and may also be used in conjunction with a
MOSFET driver such as the ISL6700 for level shifting.
To limit the peak current through the IC, an external
resistor may be placed between the totem-pole output of
the IC (OUTA or OUTB pin) and the gate of the
MOSFET. This small series resistor also damps any
oscillations caused by the resonant tank of the parasitic
inductances in the traces of the board and the FET’s
input capacitance.
4.5
Overcurrent Operation
Overcurrent delayed shutdown is enabled once the soft-
start cycle is complete. If an overcurrent condition is
detected, the soft-start charging current source is
disabled and the soft-start capacitor is allowed to
discharge through a 15µA source. At the same time a
50µs retriggerable one-shot timer is activated. It remains
active for 50µs after the overcurrent condition ceases. If
the soft-start capacitor discharges to 3.9V, the output is
disabled. This state continues until the soft-start voltage
reaches 270mV, at which time a new soft-start cycle is
initiated. If the overcurrent condition stops at least 50µs
prior to the soft-start voltage reaching 3.9V, the soft-start
charging currents revert to normal operation and the
soft-start voltage is allowed to recover.
4.6
Thermal Protection
An internal temperature sensor protects the device if the
junction temperature exceeds +145°C. There is
approximately +15°C of hysteresis.
4.7
Ground Plane Requirements
Careful layout is essential for satisfactory operation of
the device. A good ground plane must be employed.
VDD should be bypassed directly to GND with good
high-frequency capacitance.


Similar Part No. - ISL6745A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
ISL6745A INTERSIL-ISL6745A Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Renesas Technology Corp
ISL6745AU RENESAS-ISL6745AU Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
More results

Similar Description - ISL6745A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Monolithic Power System...
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001L MPS-HR1001L Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com