Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8002AFRZ-T Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL8002AFRZ-T
Description  Compact Synchronous Buck Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8002AFRZ-T Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL8002AFRZ-T Datasheet HTML 1Page - Renesas Technology Corp ISL8002AFRZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL8002AFRZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL8002AFRZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL8002AFRZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL8002AFRZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL8002AFRZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL8002AFRZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL8002AFRZ-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
FN7888 Rev 4.00
Page 1 of 23
July 31, 2014
FN7888
Rev 4.00
July 31, 2014
ISL8002, ISL8002A, ISL80019, ISL80019A
Compact Synchronous Buck Regulators
DATASHEET
The ISL8002, ISL8002A, ISL80019 and ISL80019A are highly
efficient, monolithic, synchronous step-down DC/DC converters
that can deliver up to 2A of continuous output current from a 2.7V
to 5.5V input supply. They use peak current mode control
architecture to allow very low duty cycle operation. They operate
at either 1MHz or 2MHz switching frequency, thereby providing
superior transient response and allowing for the use of small
inductors. They also have excellent stability and provide both
internal and external compensation options.
The ISL8002, ISL8002A, ISL80019 and ISL80019A integrate
very low rDS(ON) MOSFETs in order to maximize efficiency. In
addition, since the high-side MOSFET is a PMOS, the need for a
Boot capacitor is eliminated, thereby reducing external
component count. They can operate at 100% duty cycle (at 1MHz)
with a dropout of 200mV at 2A output current.
These devices can be configured for either PFM (discontinuous
conduction) or PWM (continuous conduction) operation at light
load. PFM provides high efficiency by reducing switching losses at
light loads and PWM reduces noise susceptibility and RF
interference.
These devices are offered in a space saving 8 pin 2mmx2mm
TDFN lead free package with exposed pad for improved thermal
performance. The complete converter occupies less than
0.10in2 area.
Features
•VIN range 2.7V to 5.5V
•VOUT range is 0.6V to VIN
•IOUT maximum is 1.5A or 2A (see Table 1 on page 3)
• Switching frequency is 1MHz or 2MHz (see Table 1 on page 3)
• Internal or external compensation option
• Selectable PFM or PWM operation option
• Overcurrent and short circuit protection
• Over-temperature/thermal protection
•VIN Undervoltage Lockout and VOUT Overvoltage Protection
• Up to 95% peak efficiency
Applications
• General purpose point of load DC/DC
• Set-top boxes and cable modems
•FPGA power
• DVD, HDD drives, LCD panels, TV
Related Literature
• See AN1803, “1.5A/2A Low Quiescent Current High
Efficiency Synchronous Buck Regulator”
FIGURE 1. TYPICAL APPLICATION CIRCUIT CONFIGURATION
(INTERNAL COMPENSATION OPTION)
FIGURE 2. EFFICIENCY vs LOAD
FSW = 1MHz, VIN = 3.3V, MODE = PFM, TA = +25°C
VIN
EN
MODE
PG
PHASE
COMP
PGND
FB
1
3
2
4
8
6
7
5
R2
VOUT
100k
 1%
L1
200k
 1%
C1
22
μF
1.2
μH
22
μF
22
μF
C5
C6
R1
+0.6V
GND
VIN
GND
EN
PG
ISL8002
PAD
9
+2.7V …+5.5V
+1.8V/2A
R1
R2
VO
VFB
------------ 1


=
(EQ. 1)
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
0.8VOUT
0.9VOUT


Similar Part No. - ISL8002AFRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8002AFRZ-T INTERSIL-ISL8002AFRZ-T Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL8002AFRZ-T7A INTERSIL-ISL8002AFRZ-T7A Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
More results

Similar Description - ISL8002AFRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8002 INTERSIL-ISL8002_13 Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com