Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8002EVAL1Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL8002EVAL1Z
Description  Compact Synchronous Buck Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8002EVAL1Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL8002EVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL8002EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8002EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8002EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8002EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8002EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8002EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL8002EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL8002EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL8002, ISL8002A, ISL80019, ISL80019A
FN7888 Rev 4.00
Page 7 of 23
July 31, 2014
Absolute Maximum Ratings
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V (DC) or 7V (20ms)
PHASE . . . . . . . . . . . . . . -1.5V (100ns)/-0.3V (DC) to 6V (DC) or 7V (20ms)
EN, COMP, PG, MODE . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VIN + 0.3V
FB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.7V
Junction Temperature Range at 0A . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Recommended Operating Conditions
VIN Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Load Current Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 2A
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance (Typical, Notes 4, 5)
JA (°C/W) JC (°C/W)
2x2 TDFN Package . . . . . . . . . . . . . . . . . . .
71
7
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379 for details.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications TJ = -40°C to +125°C, VIN = 2.7V to 5.5V, unless otherwise noted. Typical values are at TA = +25°C. Boldface
limits apply across the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNITS
INPUT SUPPLY
VIN Undervoltage Lockout Threshold
VUVLO
Rising, no load
2.5
2.7
V
Falling, no load
2.2
2.4
V
Quiescent Supply Current
IVIN
MODE = PFM (GND), FSW = 2MHz, no load at
the output
35
60
µA
MODE = PWM (VIN), FSW = 1MHz, no load at
the output
7
15
mA
MODE = PWM (VIN), FSW = 2MHz, no load at
the output
10
22
mA
Shut Down Supply Current
ISD
MODE = PFM (GND), VIN = 5.5V, EN = low
5
10
µA
OUTPUT REGULATION
Feedback Voltage
VFB
0.595
0.600
0.605
V
TJ = -40°C to +125°C
0.589
0.605
V
VFB Bias Current
IVFB
VFB = 2.7V. TJ = -40°C to +125°C
-120
50
350
nA
Line Regulation
VIN = VO + 0.5V to 5.5V (minimal 2.7V)
TJ = -40°C to +125°C
-0.2
-0.05
0.1
%/V
Load Regulation
See Note 7
< -0.2
%/A
Soft-Start Ramp Time Cycle
1ms
PROTECTIONS
Positive Peak Current Limit
IPLIMIT
2A application
3
3.5
4
A
1.5A application
2.1
2.5
2.9
A
Peak Skip Limit
ISKIP
VIN = 3.6, VOUT = 1.8V (See “Applications
Information” on page 19 for more detail)
450
mA
Zero Cross Threshold
-170
-70
30
mA
Negative Current Limit
INLIMIT
-2.3
-1.5
-1
A
Thermal Shutdown
Temperature rising
150
°C


Similar Part No. - ISL8002EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
ISL8002 INTERSIL-ISL8002 Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL8002 INTERSIL-ISL8002 Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
ISL8002/A INTERSIL-ISL8002/A Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
ISL80020 INTERSIL-ISL80020 Datasheet
708Kb / 16P
   Compact Synchronous Buck Converters
June 5, 2015
More results

Similar Description - ISL8002EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8002 INTERSIL-ISL8002_13 Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com