Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9103AIRUAZ-T Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL9103AIRUAZ-T
Description  500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9103AIRUAZ-T Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL9103AIRUAZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9103AIRUAZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9103AIRUAZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9103AIRUAZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9103AIRUAZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL9103AIRUAZ-T Datasheet HTML 10Page - Renesas Technology Corp ISL9103AIRUAZ-T Datasheet HTML 11Page - Renesas Technology Corp ISL9103AIRUAZ-T Datasheet HTML 12Page - Renesas Technology Corp ISL9103AIRUAZ-T Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ISL9103, ISL9103A
FN6828 Rev 3.00
Page 9 of 14
December 9, 2015
Block Diagram
Theory of Operation
The ISL9103, ISL9103A is a step-down switching regulator
optimized for battery-powered handheld applications. The
regulator operates at typical 2.4MHz fixed switching frequency
under heavy load condition to allow small external inductor and
capacitors to be used for minimal printed-circuit board (PCB)
area. At light load, the regulator can automatically enter the
skip mode (PFM mode) to reduce the switching frequency to
minimize the switching loss and to maximize the battery life.
The quiescent current under skip mode, and under no load and
no switch condition is typically only 20µA. The supply current is
typically only 0.05µA when the regulator is disabled.
PWM Control Scheme
The ISL9103, ISL9103A uses the peak-current-mode
pulse-width modulation (PWM) control scheme for fast
transient response and pulse-by-pulse current limiting. Figure
22 shows the circuit functional block diagram. The current loop
consists of the oscillator, the PWM comparator COMP, current
sensing circuit, and the slope compensation for the current
loop stability. The current sensing circuit consists of the
resistance of the P-Channel MOSFET when it is turned on and
the Current Sense Amplifier (CSA). The control reference for
the current loops comes from the Error Amplifier (EAMP) of the
voltage loop.
The PWM operation is initialized by the clock from the
oscillator. The P-Channel MOSFET is turned on at the
beginning of a PWM cycle and the current in the P-Channel
MOSFET starts ramping up. When the sum of the CSA output
and the compensation slope reaches the control reference of
the current loop, the PWM comparator COMP sends a signal
to the PWM logic to turn off the P-Channel MOSFET and to
turn on the N-Channel MOSFET. The N-MOSFET remains on till
the end of the PWM cycle. Figure 23 shows the typical operating
waveforms during the normal PWM operation. The dotted lines
illustrate the sum of the slope compensation ramp and the CSA
output.
SW
+
CS A
+
+
OC P
VR EF 1
SK IP
+
X
SL O PE
CO M P
SO
FT
STA
RT
SO F T -
S T ART
VR EF
EA M P
CO M P
PW M /PF M
L OGIC
CO NT RO L L E R
PRO T EC T IO N
DR IVER
FB
S HUT DO W N
VIN
GN D
O S CIL L AT O R
Z E RO -CRO S S
SE N S IN G
B L EED IN G
FE T
*N O T E
BA NDG AP
SC P
+
EN
S HUT DO W N
100
VR E F 2
VR EF3
*N OT E : F OR F IX E D O U T P U T OP T ION S ON L Y
FIGURE 22. FUNCTIONAL BLOCK DIAGRAM
NOTE: For Adjustable output version, the internal feedback resistor divider is disabled and the FB pin
is directly connected to the error amplifier.


Similar Part No. - ISL9103AIRUAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9103AIRUAZ-T INTERSIL-ISL9103AIRUAZ-T Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9103AIRUAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com