Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12020MIRZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL12020MIRZ
Description  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12020MIRZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL12020MIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL12020MIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL12020MIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL12020MIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL12020MIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL12020MIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL12020MIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL12020MIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL12020MIRZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 9 of 34
January 9, 2015
SDA vs SCL Timing
Symbol Table
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
FIGURE 2. STANDARD OUTPUT LOAD FOR TESTING THE DEVICE
WITH VDD = 5.0V
SDA
AND
IRQ/FOUT
1533Ω
100pF
5.0V
FOR VOL= 0.4V
AND IOL = 3mA
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 5V
WAVEFORM
INPUTS
OUTPUTS
Must be steady
Will be steady
Ma y change
from LO W
to HIGH
Will change
from LOW
to HIGH
Ma y change
from HIGH
to LO W
Will change
from HIGH
to LOW
Don’t Care:
Changes Allowed
Changing:
State Not Known
N/A
Center Line is
High Impedance
Typical Performance Curves Temperature is +25°C unless otherwise specified.
FIGURE 3. IBAT vs VBAT
FIGURE 4. IBAT vs TEMPERATURE
800
850
900
950
1000
1050
1.82.3
2.83.3
3.84.3
4.85.3
VBAT VOLTAGE (V)
600
800
1000
1200
1400
1600
-40
-20
0
204060
80
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V


Similar Part No. - ISL12020MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12020MIRZ INTERSIL-ISL12020MIRZ Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ INTERSIL-ISL12020MIRZ Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-EVALZ INTERSIL-ISL12020MIRZ-EVALZ Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T INTERSIL-ISL12020MIRZ-T Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Similar Description - ISL12020MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com