Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG16MNR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NBSG16MNR2
Description  2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16MNR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NBSG16MNR2 Datasheet HTML 2Page - ON Semiconductor NBSG16MNR2 Datasheet HTML 3Page - ON Semiconductor NBSG16MNR2 Datasheet HTML 4Page - ON Semiconductor NBSG16MNR2 Datasheet HTML 5Page - ON Semiconductor NBSG16MNR2 Datasheet HTML 6Page - ON Semiconductor NBSG16MNR2 Datasheet HTML 7Page - ON Semiconductor NBSG16MNR2 Datasheet HTML 8Page - ON Semiconductor NBSG16MNR2 Datasheet HTML 9Page - ON Semiconductor NBSG16MNR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NBSG16
http://onsemi.com
7
Table 9. AC CHARACTERISTICS for QFN-16
VCC = 0 V; VEE = -3.465 V to -2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 4. Fmax/JITTER) (Note 21)
10.7
12
10.7
12
10.7
12
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
90
110
130
100
120
140
95
125
145
ps
tSKEW
Duty Cycle Skew (Note 22)
3
15
3
15
3
15
ps
tJITTER
RMS Random Clock Jitter
fin < 10 GHz
Peak-to-Peak Data Dependent Jitter
fin < 10 Gb/s
0.2
TBD
2
0.2
TBD
2
0.2
TBD
2
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 23)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times @ 1 GHz
Q, Q
(20% - 80%)
20
30
50
20
30
50
20
30
50
ps
21. Measured using a 400 mV source, 50% duty cycle clock source. All loading with 50
W to VCC - 2.0 V. Input edge rates 40 ps (20% - 80%).
22. See Figure 6. tskew = |tPLH - tPHL| for a nominal 50% differential clock input waveform.
23. VINPP(max) cannot exceed VCC - VEE
OUTPUT AMP
RMS JITTER
INPUT FREQUENCY (GHz)
Figure 4. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) at Ambient Temperature (Typical)
700
600
500
400
300
200
100
0
14
13
12
11
10
9
8
7
6
5
4
3
2
1
9.5
8.5
7.5
6.5
3.5
2.5
5.5
4.5
0.5
-0.5
1.5
Q
Q


Similar Part No. - NBSG16MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16MNR2 ONSEMI-NBSG16MNR2 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG16MNR2G ONSEMI-NBSG16MNR2G Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG16MNR2G ONSEMI-NBSG16MNR2G Datasheet
160Kb / 12P
   SiGe Differential Receiver/Driver
June, 2014 ??Rev. 20
More results

Similar Description - NBSG16MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NBSG16 ONSEMI-NBSG16_14 Datasheet
160Kb / 12P
   SiGe Differential Receiver/Driver
June, 2014 ??Rev. 20
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com