Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28271INEVAL1Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL28271INEVAL1Z
Description  Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28271INEVAL1Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL28271INEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL28271INEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL28271INEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL28271INEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL28271INEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL28271INEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL28271INEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL28271INEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL28271INEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL28271, ISL28272
Rev X.00
Page 11 of 14
Application Information
Product Description
The ISL28271 and ISL28272 are dual channel micropower
instrumentation amplifiers (in-amps) which deliver rail-to-rail
input amplification and rail-to-rail output swing. The in-amps
also deliver excellent DC and AC specifications while
consuming only about 120µA for both channels. Because the
independent pair of feedback terminals set the gain and adjust
the output zero level, the ISL28271 and ISL28272 achieve high
CMRR regardless of the tolerance of the gain setting resistors.
The ISL28271 is internally compensated for a minimum gain of
10. The ISL28272 is internally compensated for a minimum
gain of 100.
EN pins are available to independently enable or disable a
channel. When all channels are off, current consumption is
down to typically 4µA.
Input Protection
All input terminals and feedback terminals have internal ESD
protection diodes to both positive and negative supply rails,
limiting the input voltage to within one diode beyond the supply
rails. Input signals originating from low impedance sources
should have current limiting resistors in series with the IN+ and
IN- pins to prevent damaging currents during power supply
sequencing and other transient conditions. The ISL28272 has
additional back-to-back diodes across the input terminals and
also across the feedback terminals. If overdriving the inputs is
necessary, the external input current must never exceed 5mA.
External series resistors may be used as an external protection
to limit excessive external voltage and current from damaging
the inputs. On the other hand, the ISL28271 has no clamps to
limit the differential voltage on the input terminals allowing
higher differential input voltages at lower gain applications. It is
recommended however, that the terminals of the ISL28271 are
not overdriven beyond 1V to avoid offset drift.
Input Stage and Input Voltage Range
The input terminals (IN+ and IN-) of the in-amps are a single
differential pair of CMOS devices aided by an Input Range
Enhancement Circuit, IREC, to increase the headroom of
operation of the common-mode input voltage. The feedback
terminals (FB+ and FB-) also have a similar topology. As a
result, the input common-mode voltage range is rail-to-rail
regardless of the feedback terminal settings and regardless of
the gain settings. They are able to handle input voltages that
are at or slightly beyond the supply and ground sensing
making these in-amps well suited for single 5V down to 2.4V
supply systems.
The IREC enables rail-to-rail input amplification without the
problems usually associated with the dual differential stage
topology. The IREC ensures that there are no drastic changes
in offset voltage over the entire range of the input. See Input
Offset Voltage vs Common-Mode Input Voltage in performance
charts. IREC also cures the abrupt change and even reverse
polarity of the input bias current over the whole range of input.
Output Stage and Output Voltage Range
A Class AB common-source output stage drives the output.
The pair of complementary MOSFET devices drive the output
VOUT to within a few millivolts of the supply rails. At a 100k
load, the PMOS sources current and pulls the output up to
4mV below the positive supply. The NMOS sinks current and
pulls the output down to 4mV above the negative supply, or
ground in the case of a single supply operation. The current
sinking and sourcing capability are internally limited to 31mA.
When disabled, the outputs are in a high impedance state.
Gain Setting
VIN, the potential difference across IN+ and IN-, is replicated
(less the input offset voltage) across FB+ and FB-. The
function of the in-amp is to maintain the differential voltage
across FB- and FB+ equal to IN+ and IN-; (FB- - FB+) = (IN+ -
IN-). Consequently, the transfer function can be derived. The
in-amp gain is set by two external resistors, the feedback
resistor RF, and the gain resistor RG.
In Figure 37, the FB+ pin and one end of resistor RG are
connected to GND. With this configuration, Equation 1 is only
true for a positive swing in VIN; negative input swings will be
ignored because the output will be at ground.
Reference Connection
Unlike a three op amp in-amp realization, a finite series
resistance seen at the REF terminal does not degrade the high
CMRR performance eliminating the need for an additional
external buffer amplifier. Figure 38 uses the FB+ pin to provide
a high impedance REF terminal.
+
-
+
-
IN+
IN-
FB+
FB-
V+
V-
EN
2.4V TO 5.5V
RF
RG
VOUT
EN
ISL28271
VCM
IN+
IN-
FIGURE 37. GAIN IS SET BY TWO EXTERNAL RESISTORS,
RF AND RG
ISL28272
VOUT
1
RF
RG
--------
+



VIN
=
VIN
IN+ IN-
=
(EQ. 1)


Similar Part No. - ISL28271INEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28271INEVAL1Z INTERSIL-ISL28271INEVAL1Z Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
More results

Similar Description - ISL28271INEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com