Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29102IROZ-T7A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL29102IROZ-T7A
Description  Low Power Ambient Light-to-Voltage Nonlinear Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL29102IROZ-T7A Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL29102IROZ-T7A Datasheet HTML 1Page - Renesas Technology Corp ISL29102IROZ-T7A Datasheet HTML 2Page - Renesas Technology Corp ISL29102IROZ-T7A Datasheet HTML 3Page - Renesas Technology Corp ISL29102IROZ-T7A Datasheet HTML 4Page - Renesas Technology Corp ISL29102IROZ-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL29102IROZ-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL29102IROZ-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL29102IROZ-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL29102IROZ-T7A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ISL29102
FN6483 Rev.2.00
Page 3 of 10
Nov 17, 2016
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage Between VDD and GND . . . . . . . . . . . . . . . . . . . . . . . . . .3.6V
REXT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (-0.5V + GND) to (0.5V + VDD)
VOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (-0.5V + GND) to (0.5V + VDD)
VOUT Short-Circuit Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Thermal Resistance (Typical)
JA (°C/W)
6 Ld ODFN (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
88
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile (*) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB477
*Peak temperature during solder reflow +235°C max
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
Electrical Specifications VDD = 3V, TA = +25°C, REXT = 100kΩ, no load at VOUT, green LED light, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITION
MIN
(Note 5)TYP
MAX
(Note 5)UNIT
E
Range of Input Light Intensity for Square Root
Relationship to be Held
0.3 - 10k
Lux
VDD
Operating Supply Voltage
1.8
3.3
V
IDD
Supply Current
E = 0 lux
0.65
µA
E = 100 lux
3.5
µA
E = 1,000 lux
10
15
µA
VOUT0
Light-to-Voltage Accuracy
E = 100 lux
0.185
V
VOUT1
Light-to-Voltage Accuracy
E = 1000 lux
0.460
0.580
0.680
V
VDARK
Voltage Output in the Absence of Light
E = 0 lux, REXT = 10MΩ
20
50
mV
VOUT
Output Voltage Variation Over Three Light Sources:
Fluorescent, Incandescent, and Halogen
10
%
PSRR
Power Supply Rejection Ratio
E = 100 lux, VDD = 1.8V to 3.6V
2.5
mV/V
VO-CMPL
Maximum Output Compliance Voltage at 95% of
Nominal Output
VDD -0.7V
V
VO-MAX
Maximum Output Voltage Swing
VDD
V
tR
Rise Time
E = 0 lux to 300 lux
68
µs
E = 0 lux to 1000 lux
68
µs
tF
Fall Time
E = 300 lux to 0 lux
1830
µs
E = 1000 lux to 0 lux
970
us
tD
Delay Time for Rising Edge
E = 0 lux to 300 lux
352
µs
E = 0 lux to 1000 lux
145
µs
tS
Delay Time for Falling Edge
E = 300 lux to 0 lux
22
µs
E = 1000 lux to 0 lux
22
µs
ISC
Short Circuit Current of Op Amp
±11
mA
SR
Slew Rate of Op Amp
±10
V/ms
VOS
Offset Voltage of Op Amp
±1.2
mV
NOTE:
5. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.


Similar Part No. - ISL29102IROZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
731Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
More results

Similar Description - ISL29102IROZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29102 INTERSIL-ISL29102 Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
731Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
OSRAM GmbH
LRTBGVSG OSRAM-LRTBGVSG Datasheet
753Kb / 31P
   Ambient light
logo
Vishay Siliconix
VEML6035 VISHAY-VEML6035 Datasheet
222Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
Rev. 1.0, 12-Mar-2019
VEML3235SL VISHAY-VEML3235SL Datasheet
365Kb / 14P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com