Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29112IROZ-EVALZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL29112IROZ-EVALZ
Description  Low Power, <100 Lux Optimized, Analog Output Ambient Light Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL29112IROZ-EVALZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL29112IROZ-EVALZ Datasheet HTML 1Page - Renesas Technology Corp ISL29112IROZ-EVALZ Datasheet HTML 2Page - Renesas Technology Corp ISL29112IROZ-EVALZ Datasheet HTML 3Page - Renesas Technology Corp ISL29112IROZ-EVALZ Datasheet HTML 4Page - Renesas Technology Corp ISL29112IROZ-EVALZ Datasheet HTML 5Page - Renesas Technology Corp ISL29112IROZ-EVALZ Datasheet HTML 6Page - Renesas Technology Corp ISL29112IROZ-EVALZ Datasheet HTML 7Page - Renesas Technology Corp ISL29112IROZ-EVALZ Datasheet HTML 8Page - Renesas Technology Corp ISL29112IROZ-EVALZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISL29112
FN8836 Rev.1.00
Page 4 of 9
May 8, 2017
FIGURE 2. TEST CIRCUIT FOR RISE/FALL TIME MEASUREMENT
FIGURE 3. TIMING DIAGRAM
ISL29112
FUNCTION
GENERATOR
VDD
REXT
VOUT
POWER SUPPLY
OR
SOURCE METER
INPUT
LIGHT
OUTPUT
10%
90%
tR
tF%
10%
90%
tD
tS
Typical Performance Curves V
DD = 3V, TA = +25°C, REXT = 100kΩ, no load at VOUT, green LED light,
unless otherwise specified.
FIGURE 4. SPECTRAL RESPONSE
FIGURE 5. SPECTRUM OF FOUR LIGHT SOURCES NORMALIZED BY
LUMINOUS INTENSITY (lux)
FIGURE 6. RADIATION PATTERN
FIGURE 7. VDD OPERATING RANGE (WHITE LED)
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
600
800
1.0k
WAVELENGTH (nm)
LIGHT SENSOR RESPONSE
HUMAN EYE RESPONSE
1.1k
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350
550
750
950
WAVELENGTH (nm)
FLUORESCENT
SUN
INCANDESCENT
HALOGEN
RADIATION PATTERN
LUMINOSITY
ANGLE
RELATIVE SENSITIVITY
90°
80°
70°
60°
50°
40°
30°
20°
10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
0.2
0.4
0.6
0.8
1.0
3.25
3.05
2.85
2.65
2.45
2.25
2.05
1.85
1.65
1.45
1.25
0.0001 0.001 0.01
0.1
1
10
100
1000
0.00001
lux
LOW LUX LIMIT
VOUT + 0.7V


Similar Part No. - ISL29112IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
ISL29101IROZ-EVALZ INTERSIL-ISL29101IROZ-EVALZ Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-EVALZ INTERSIL-ISL29101IROZ-EVALZ Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
More results

Similar Description - ISL29112IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76671 INTERSIL-ISL76671 Datasheet
465Kb / 9P
   Low Power, <100 Lux Optimized, Analog Output Ambient Light Sensor
ISL76671 INTERSIL-ISL76671_15 Datasheet
417Kb / 9P
   Low Power, <100 Lux Optimized, Analog Output Ambient Light Sensor
April 20, 2015
logo
Renesas Technology Corp
ISL76671 RENESAS-ISL76671 Datasheet
631Kb / 10P
   Low Power, <100 Lux Optimized, Analog Output Ambient Light Sensor
ISL76671 RENESAS-ISL76671_V01 Datasheet
759Kb / 11P
   Low Power, <100 Lux Optimized, Analog Output Ambient Light Sensor
May 21, 2021
logo
Rohm
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
   Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
logo
Intersil Corporation
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
logo
Renesas Technology Corp
ISL29033 RENESAS-ISL29033 Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Fairchild Semiconductor
FLD00030 FAIRCHILD-FLD00030 Datasheet
592Kb / 7P
   Analog Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com