Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29147IROMZ-T7 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL29147IROMZ-T7
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL29147IROMZ-T7 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL29147IROMZ-T7 Datasheet HTML 1Page - Renesas Technology Corp ISL29147IROMZ-T7 Datasheet HTML 2Page - Renesas Technology Corp ISL29147IROMZ-T7 Datasheet HTML 3Page - Renesas Technology Corp ISL29147IROMZ-T7 Datasheet HTML 4Page - Renesas Technology Corp ISL29147IROMZ-T7 Datasheet HTML 5Page - Renesas Technology Corp ISL29147IROMZ-T7 Datasheet HTML 6Page - Renesas Technology Corp ISL29147IROMZ-T7 Datasheet HTML 7Page - Renesas Technology Corp ISL29147IROMZ-T7 Datasheet HTML 8Page - Renesas Technology Corp ISL29147IROMZ-T7 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ISL29147
FN8409 Rev 3.00
Page 4 of 15
January 6, 2015
LED DRIVER (IRDR PIN)
tr
Rise Time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 20% to 80%
25
ns
tf
Fall time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 80% to 20%
15
ns
IIRDR_0
IRDR Sink Current
PROX_DR = 0; VIRDR = 0.5V
31.25
mA
IIRDR_1
IRDR Sink Current
PROX_DR = 1; VIRDR = 0.5V
62.5
mA
IIRDR_2
IRDR Sink Current
PROX_DR = 2; VIRDR = 0.5V
125
mA
IIRDR_3
IRDR Sink Current
PROX_DR = 3; VIRDR = 0.5V
250
mA
IIRDR_LEAK
IRDR Leakage Current
PROX_EN = 0; VIRDR = 3.63V
0.001
1
µA
VIRDR
IRDR Pin Voltage Compliance
Register bit PROX_DR = 0
0.50
4.3
V
tPULSE
IIRDR On Time Per PROX Reading
90
µs
Electrical Specifications VDD = 3.0V, TA = +25°C. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITION
MIN
(Note 10)TYP
MAX
(Note 10)UNITS
IR-LED Specifications TA = +25°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNITS
VF
IR-LED Forward Voltage
IF = 100mA
1.8
V
VR
IR-LED Reverse Voltage
5.5
V
λP
IR-LED Peak Output Wavelength
IF = 100mA
855
nm
Δλ
IR-LED Spectral Half-Width
IF = 100mA
30
nm
ΦE
IR-LED Radiant Power
IF = 100mA
38
mW
I2C Electrical Specifications For SCL and SDA unless otherwise noted, VDD = 3V, TA = +25°C (Note 8).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNITS
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
fSCL
SCL Clock Frequency
400
kHz
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
Vhys
Hysteresis of Schmitt Trigger Input
0.05VDD
V
VOL
Low-level Output Voltage (open-drain) at 4mA Sink
Current
0.4
V
Ii
Input Leakage for each SDA, SCL Pin
-10
10
µA
tSP
Pulse Width of Spikes that must be Suppressed by
the Input Filter
50
ns
tAA
SCL Falling Edge to SDA Output Data Valid
900
ns
Ci
Capacitance for each SDA and SCL Pin
10
pF
tHD:STA
Hold Time START Condition
After this period, the first clock
pulse is generated
600
ns
tLOW
LOW Period of the SCL Clock
Measured at the 30% of VDD
crossing
1300
ns
tHIGH
HIGH Period of the SCL Clock
600
ns
tSU:STA
Set-up Time for a START Condition
600
ns
tHD:DAT
Data Hold Time
30
ns


Similar Part No. - ISL29147IROMZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
More results

Similar Description - ISL29147IROMZ-T7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com