Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM4226DT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM4226DT
Description  HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM4226DT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM4226DT Datasheet HTML 1Page - List of Unclassifed Manufacturers OM4226DT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM4206ST/RT/DT OM4226ST/RT/DT
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
TYPICAL FORWARD VOLTAGE
MECHANICAL OUTLINE
PIN CONNECTION
TYPICAL REVERSE CURRENT
OM4226
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
T = 25°C
T = 125°C
.3
.4
.5
.6
.7
.8
.9
1.0
0
50
100
V
F, INSTANTANEOUS VOLTAGE (VOLTS)
V
R, REVERSE VOLTAGE (VOLTS)
20
10
9
8
7
6
5
4
3
2
1
100
10
1.0
0.1
0.01
0.001
T
J = 150°C
T
J= 125°C
T
J = 100°C
T
J = 75°C
T
J = 25°C
Maximum
Maximum Reverse
Type
PIV
Forward Voltage
Current
I
F @ 8 Amps
(1)
@PIV
T
j = 25°C
T
j = 125°C
T
j = 25°C
T
j = 125°C
OM4226XX
60
OM4206XX
100
.85 V
.68 V
5mA
150mA
ELECTRICAL CHARACTERISTICS (Per Diode)
123
(1) Pulse Test: Pulse Width = ms, Duty Cycle ‡ 2.0%


Similar Part No. - OM4226DT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM4228DS IRF-OM4228DS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
OM4228RS IRF-OM4228RS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
OM4228SS IRF-OM4228SS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
OM4229DS IRF-OM4229DS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
OM4229RS IRF-OM4229RS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
More results

Similar Description - OM4226DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM4201ST ETC2-OM4201ST Datasheet
23Kb / 2P
   HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER
OM4202SC ETC-OM4202SC Datasheet
17Kb / 2P
   HERMETIC TO-258AA DUAL POWER SCHOTTKY RECTIFIER
OM5008ST ETC2-OM5008ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5201STRT ETC2-OM5201STRT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5010ST ETC1-OM5010ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5009ST ETC2-OM5009ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5011ST ETC2-OM5011ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY SOFT RECOVERY RECTIFIER
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com