Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9545AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9545AD
Description  4-channel I2C switch with interrupt logic and reset
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9545AD Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9545AD Datasheet HTML 1Page - NXP Semiconductors PCA9545AD Datasheet HTML 2Page - NXP Semiconductors PCA9545AD Datasheet HTML 3Page - NXP Semiconductors PCA9545AD Datasheet HTML 4Page - NXP Semiconductors PCA9545AD Datasheet HTML 5Page - NXP Semiconductors PCA9545AD Datasheet HTML 6Page - NXP Semiconductors PCA9545AD Datasheet HTML 7Page - NXP Semiconductors PCA9545AD Datasheet HTML 8Page - NXP Semiconductors PCA9545AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
The PCA9545A is a quad bi-directional translating switch controlled via the I2C-bus. The
SCL/SDA upstream pair fans out to four downstream pairs, or channels. Any individual
SCx/SDx channel or combination of channels can be selected, determined by the
contents of the programmable control register. Four interrupt inputs, INT0 to INT3, one for
each of the downstream pairs, are provided. One interrupt output, INT, acts as an AND of
the four interrupt inputs.
An active LOW reset input allows the PCA9545A to recover from a situation where one of
the downstream I2C-buses is stuck in a LOW state. Pulling the RESET pin LOW resets the
I2C-bus state machine and causes all the channels to be deselected as does the internal
Power-on reset function.
The pass gates of the switches are constructed such that the VDD pin can be used to limit
the maximum high voltage which will be passed by the PCA9545A. This allows the use of
different bus voltages on each pair, so that 1.8 V or 2.5 V or 3.3 V parts can communicate
with 5 V parts without any additional protection. External pull-up resistors pull the bus up
to the desired voltage level for each channel. All I/O pins are 5 V tolerant.
2.
Features
s 1-of-4 bi-directional translating switches
s I2C-bus interface logic; compatible with SMBus standards
s 4 active LOW interrupt inputs
s Active LOW interrupt output
s Active LOW reset input
s 2 address pins allowing up to 4 devices on the I2C-bus
s Channel selection via I2C-bus, in any combination
s Power-up with all switch channels deselected
s Low Ron switches
s Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
s No glitch on power-up
s Supports hot insertion
s Low stand-by current
s Operating power supply voltage range of 2.3 V to 5.5 V
s 5 V tolerant Inputs
s 0 kHz to 400 kHz clock frequency
s ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
s Latch-up protection exceeds 100 mA per JESD78
PCA9545A
4-channel I2C switch with interrupt logic and reset
Rev. 03 — 3 March 2005
Product data sheet


Similar Part No. - PCA9545AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545AD NXP-PCA9545AD Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545AD NXP-PCA9545AD Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
PCA9545AD112 NXP-PCA9545AD112 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
PCA9545AD118 NXP-PCA9545AD118 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Texas Instruments
PCA9545ADGVR TI-PCA9545ADGVR Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
More results

Similar Description - PCA9545AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
logo
Texas Instruments
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com