Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2661 Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP2661
Description  4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2661 Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP2661 Datasheet HTML 23Page - Monolithic Power Systems MP2661 Datasheet HTML 24Page - Monolithic Power Systems MP2661 Datasheet HTML 25Page - Monolithic Power Systems MP2661 Datasheet HTML 26Page - Monolithic Power Systems MP2661 Datasheet HTML 27Page - Monolithic Power Systems MP2661 Datasheet HTML 28Page - Monolithic Power Systems MP2661 Datasheet HTML 29Page - Monolithic Power Systems MP2661 Datasheet HTML 30Page - Monolithic Power Systems MP2661 Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
MP2661 – 0.5A, 1-CELL CHARGER W/ I2C CONTROL AND POWER PATH
MP2661 Rev. 1.03
www.MonolithicPower.com
27
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018MPS. All Rights Reserved.
STATE CONVERSION CHART
BFET Off
BFET On
BFET On
Enable charge
BFET Off
Disable Charge
IN Plug-in
HIZ Quit
PSYS > PIN
PSYS < PIN
IN Plug-out
HIZ entry
IN Plug-in
HIZ Quit
IN Plug-out
HIZ entry
Figure 8: State Machine Conversion


Similar Part No. - MP2661

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2660 MPS-MP2660 Datasheet
1Mb / 34P
   5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
More results

Similar Description - MP2661

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2660 MPS-MP2660 Datasheet
1Mb / 34P
   5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
EVKT-MP2662 MPS-EVKT-MP2662 Datasheet
525Kb / 2P
   MP2662 Evaluation Kit 500mA, I2C Controlled Battery Charger with Power-Path Management, 1mA Termination and <1關A Battery Leakage for Single-Cell Li-Ion Battery
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
   . USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Monolithic Power System...
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com