Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7447VG1200N Datasheet(PDF) 4 Page - ATMEL Corporation

Part # PC7447VG1200N
Description  PowerPC 7457 RISC Microprocessor
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447VG1200N Datasheet(HTML) 4 Page - ATMEL Corporation

  PC7447VG1200N Datasheet HTML 1Page - ATMEL Corporation PC7447VG1200N Datasheet HTML 2Page - ATMEL Corporation PC7447VG1200N Datasheet HTML 3Page - ATMEL Corporation PC7447VG1200N Datasheet HTML 4Page - ATMEL Corporation PC7447VG1200N Datasheet HTML 5Page - ATMEL Corporation PC7447VG1200N Datasheet HTML 6Page - ATMEL Corporation PC7447VG1200N Datasheet HTML 7Page - ATMEL Corporation PC7447VG1200N Datasheet HTML 8Page - ATMEL Corporation PC7447VG1200N Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
4
PC7457/47 [Preliminary]
5345B–HIREL–02/04
General Parameters
Table 1 provides a summary of the general parameters of the PC7457.
Features
This section summarizes features of the PC7457 implementation of the PowerPC archi-
tecture. Major features of the PC7457 are as follows:
High-performance, superscalar microprocessor
As many as 4 instructions can be fetched from the instruction cache at a time
As many as 3 instructions can be dispatched to the issue queues at a time
As many as 12 instructions can be in the instruction queue (IQ)
As many as 16 instructions can be at some stage of execution
simultaneously
Single-cycle execution for most instructions
One instruction per clock cycle throughput for most instructions
Seven-stage pipeline control
Eleven independent execution units and three register files
Branch processing unit (BPU) features static and dynamic branch prediction
128-entry (32-set, four-way set-associative) branch target instruction cache
(BTIC), a cache of branch instructions that have been encountered in
branch/loop code sequences. If a target instruction is in the BTIC, it is
fetched into the instruction queue a cycle sooner than it can be made
available from the instruction cache. Typically, a fetch that hits the BTIC
provides the first four instructions in the target stream
2048-entry branch history table (BHT) with two bits per entry for four levels of
prediction – not-taken, strongly not-taken, taken, and strongly taken
Up to three outstanding speculative branches
Branch instructions that don’t update the count register (CTR) or link register
(LR) are often removed from the instruction stream
Eight-entry link register stack to predict the target address of Branch
Conditional to Link Register (BCLR) instructions
Table 1. Device Parameters
Parameter
Description
Technology
0.13 µm CMOS, nine-layer metal
Die size
9.1 mm × 10.8 mm
Transistor count
58 million
Logic design
Fully-static
Packages
PC7447: surface mount 360 ceramic ball grid array (CBGA)
PC7457: surface mount 483 ceramic ball grid array (CBGA)
Core power supply
1.3V ±500 mV DC nominal or 1.1V ±50 mV (nominal, see Table 3 on
page 12
I/O power supply
1.8V ±5% DC, or 2.5V ±5% for recommended operating conditions


Similar Part No. - PC7447VG1200N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1000LB ATMEL-PC7447AMGH1000LB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1000NB ATMEL-PC7447AMGH1000NB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1167LB ATMEL-PC7447AMGH1167LB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7447AMGH1167NB ATMEL-PC7447AMGH1167NB Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
More results

Similar Description - PC7447VG1200N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com