Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL2101AAR3Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL2101AAR3Z
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL2101AAR3Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL2101AAR3Z Datasheet HTML 2Page - Renesas Technology Corp ISL2101AAR3Z Datasheet HTML 3Page - Renesas Technology Corp ISL2101AAR3Z Datasheet HTML 4Page - Renesas Technology Corp ISL2101AAR3Z Datasheet HTML 5Page - Renesas Technology Corp ISL2101AAR3Z Datasheet HTML 6Page - Renesas Technology Corp ISL2101AAR3Z Datasheet HTML 7Page - Renesas Technology Corp ISL2101AAR3Z Datasheet HTML 8Page - Renesas Technology Corp ISL2101AAR3Z Datasheet HTML 9Page - Renesas Technology Corp ISL2101AAR3Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL2100A, ISL2101A
FN6294 Rev 4.00
Page 6 of 11
December 8, 2015
Timing Diagrams
Pin Descriptions
SYMBOL
DESCRIPTION
VDD
Positive supply to lower gate driver. Bypass this pin to VSS.
HB
High-side bootstrap supply. External bootstrap capacitor is required. Connect positive side of bootstrap capacitor to this pin.
Bootstrap diode is on-chip.
HO
High-side output. Connect to gate of high-side power MOSFET.
HS
High-side source connection. Connect to source of high-side power MOSFET. Connect negative side of bootstrap capacitor to this
pin.
HI
High-side input.
LI
Low-side input.
VSS
Chip negative supply, which will generally be ground.
LO
Low-side output. Connect to gate of low-side power MOSFET.
EPAD
Exposed pad. Connect to ground or float. The EPAD is electrically isolated from all other pins.
FIGURE 3. PROPAGATION DELAYS
FIGURE 4. DELAY MATCHING
tHPLH,
tLPLH
tHPHL,
tLPHL
HI,
LI
HO,
LO
tMON
tMOFF
LI
HI
LO
HO
Typical Performance Curves
FIGURE 5. ISL2100A IDD OPERATING CURRENT vs
FREQUENCY
FIGURE 6. ISL2101A IDD OPERATING CURRENT vs
FREQUENCY
10
100
1 .10
3
0.1
1
10
FREQUENCY (kHz)
T = -40°C
T = +25°C
T = +125°C
T = +150°C
10
100
1 .103
0.1
1
10
FREQUENCY (kHz)
T = -40°C
T = +25°C
T = +150°C
T = +125°C


Similar Part No. - ISL2101AAR3Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2101AAR3Z INTERSIL-ISL2101AAR3Z Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2101AAR3Z INTERSIL-ISL2101AAR3Z Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2101AAR3Z INTERSIL-ISL2101AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
More results

Similar Description - ISL2101AAR3Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com