Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6207 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6207
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6207 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6207 Datasheet HTML 2Page - Renesas Technology Corp ISL6207 Datasheet HTML 3Page - Renesas Technology Corp ISL6207 Datasheet HTML 4Page - Renesas Technology Corp ISL6207 Datasheet HTML 5Page - Renesas Technology Corp ISL6207 Datasheet HTML 6Page - Renesas Technology Corp ISL6207 Datasheet HTML 7Page - Renesas Technology Corp ISL6207 Datasheet HTML 8Page - Renesas Technology Corp ISL6207 Datasheet HTML 9Page - Renesas Technology Corp ISL6207 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ISL6207
FN9075 Rev 8.00
Page 9 of 10
December 2, 2005
Quad Flat No-Lead Plastic Package (QFN)
Micro Lead Frame Plastic Package (MLFP)
L8.3x3
8 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-220VEEC ISSUE C)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A2
-
-
1.00
9
A3
0.20 REF
9
b
0.23
0.28
0.38
5, 8
D
3.00 BSC
-
D1
2.75 BSC
9
D2
0.25
1.10
1.25
7, 8
E
3.00 BSC
-
E1
2.75 BSC
9
E2
0.25
1.10
1.25
7, 8
e
0.65 BSC
-
k0.25
-
-
L
0.35
0.60
0.75
8
L1
-
-
0.15
10
N8
2
Nd
2
3
Ne
2
3
P-
-
0.60
9
--
12
9
Rev. 1 10/02
NOTES:
Intersil Lead Free products employ special lead free material sets;
molding compounds / die attach materials and 100% matte tin plate
termination finish, which is compatible with both SnPb and lead free
soldering operations. Intersil Lead Free products are MSL classified at
lead free peak reflow temperatures that meet or exceed the lead free
requirements of IPC/JEDEC J Std-020B.
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land Pattern
Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
 are present when
Anvil singulation method is used and not present for saw
singulation.
10. Depending on the method of lead termination at the edge of the
package, a maximum 0.15mm pull back (L1) maybe present. L
minus L1 to be equal to or greater than 0.3mm.


Similar Part No. - ISL6207

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207CB INTERSIL-ISL6207CB Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207CB-T INTERSIL-ISL6207CB-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207CBZ INTERSIL-ISL6207CBZ Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207CBZ-T INTERSIL-ISL6207CBZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6207

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com