Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6209CB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6209CB
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6209CB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6209CB Datasheet HTML 2Page - Renesas Technology Corp ISL6209CB Datasheet HTML 3Page - Renesas Technology Corp ISL6209CB Datasheet HTML 4Page - Renesas Technology Corp ISL6209CB Datasheet HTML 5Page - Renesas Technology Corp ISL6209CB Datasheet HTML 6Page - Renesas Technology Corp ISL6209CB Datasheet HTML 7Page - Renesas Technology Corp ISL6209CB Datasheet HTML 8Page - Renesas Technology Corp ISL6209CB Datasheet HTML 9Page - Renesas Technology Corp ISL6209CB Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ISL6209
FN9132 Rev.2.00
Page 6 of 10
Mar 23, 2007
upper gate begins to fall [tFUGATE]. Again, the adaptive shoot-
through circuitry determines the lower gate delay time
tPDHLGATE. The upper MOSFET gate-to-source voltage is
monitored, and the lower gate is allowed to rise, after the upper
MOSFET gate-to-source voltage drops below 1V. The lower
gate then rises [tRLGATE], turning on the lower MOSFET.
This driver is optimized for converters with large step down
ratio, such as those used in a mobile-computer core voltage
regulator. The lower MOSFET is usually sized much larger.
This driver is optimized for converters with large step down
compared to the upper MOSFET because the lower MOSFET
conducts for a much longer time in a switching period. The
lower gate driver is therefore sized much larger to meet this
application requirement. The 0.4
 on-resistance and 4A sink
current capability enable the lower gate driver to absorb the
current injected to the lower gate through the drain-to-gate
capacitor of the lower MOSFET and prevent a shoot through
caused by the high dv/dt of the phase node.
Three-State PWM Input
A unique feature of the ISL6209 and other Intersil drivers is the
addition of a shutdown window to the PWM input. If the PWM
signal enters and remains within the shutdown window for a
set holdoff time, the output drivers are disabled and both
MOSFET gates are pulled and held low. The shutdown state is
removed when the PWM signal moves outside the shutdown
window. Otherwise, the PWM rising and falling thresholds
outlined in the ELECTRICAL SPECIFICATIONS determine
when the lower and upper gates are enabled. During start-up,
PWM should be in the three-state position (1/2 VCC) until
actively driven by the controller IC.
Shoot-Through Protection
The ISL6209 driver delivers shoot-through protection by
incorporating gate threshold monitoring and programmable
dead-time to prevent upper and lower MOSFETs from
conducting simultaneously, thereby shorting the input supply to
ground. Gate threshold monitoring ensures that one gate is
OFF before the other is allowed to turn ON.
During turn-off of the lower MOSFET, the LGATE voltage is
monitored until it reaches a 1V threshold, at which time the
UGATE is released to rise. Internal circuitry monitors the
upper MOSFET gate-to-source voltage during UGATE
turn-off. Once the upper MOSFET gate-to-source voltage has
dropped below a threshold of 1V, the LGATE is allowed to
rise.
In addition to gate threshold monitoring, a programmable delay
between MOSFET switching can be accomplished by placing a
resistor from the DELAY pin to ground. This delay allows for
maximum design flexibility over MOSFET selection. The delay
can be programmed from 5ns to 50ns. If not desired, the
DELAY pin must be tied to VCC to disable the delay circuitry.
Gate threshold monitoring is not affected by the addition or
removal of the additional dead-time. Refer to Figure 3 and
Figure 4 for more detail.
4
1V
FCCM = VCC or GND
GATE A
GATE B
1V
FCCM = RESISTOR to VCC or GND
tdelay = 5n - 50ns
GATE A
GATE B
FIGURE 3. PROGRAMMABLE DEAD-TIME
Adaptive Shoot-Through Protection
Adaptive Protection with Delay
50
45
40
35
30
25
20
15
10
5
0
050
200
100
150
250
300
RDELAY (k)
tDELAY
FIGURE 4. ADDITIONAL PROGRAMMED DEAD-TIME
(tDELAY) vs DELAY RESISTOR VALUE


Similar Part No. - ISL6209CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6209CB INTERSIL-ISL6209CB Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209CB INTERSIL-ISL6209CB Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209CB-T INTERSIL-ISL6209CB-T Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209CBZ INTERSIL-ISL6209CBZ Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209CBZ INTERSIL-ISL6209CBZ Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6209CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com