Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6257 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6257
Description  Highly Integrated Narrow VDC Battery Charger for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6257 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6257 Datasheet HTML 1Page - Renesas Technology Corp ISL6257 Datasheet HTML 2Page - Renesas Technology Corp ISL6257 Datasheet HTML 3Page - Renesas Technology Corp ISL6257 Datasheet HTML 4Page - Renesas Technology Corp ISL6257 Datasheet HTML 5Page - Renesas Technology Corp ISL6257 Datasheet HTML 6Page - Renesas Technology Corp ISL6257 Datasheet HTML 7Page - Renesas Technology Corp ISL6257 Datasheet HTML 8Page - Renesas Technology Corp ISL6257 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ISL6257
FN9288 Rev 2.00
Page 5 of 22
Jan 17, 2007
DCPRN Sink Current
DCPRN = 0.4V
3
8
11
mA
DCPRN Leakage Current
DCPRN = 5V
-0.5
0.5
µA
CSON to GND resistance
CSON = 12.6V
315
380
485
k
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Temperature Hysteresis
25
°C
NOTE:
4. This is the sum of currents in these pins (CSIP, CSIN, BGATE, BOOT, UGATE, PHASE, CSOP, CSON) all tied to 16.8V. No current in pins EN,
ACSET, DCSET, VADJ, CELLS, ACLIM, CHLIM.
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = DCSET = 1.5V, ACLIM = VREF,
VADJ = Floating, EN = VDD = 5V, BOOT - PHASE = 5.0V, GND = PGND = 0V, CVDD = 1µF, IVDD =0mA,
TA = -10°C to +100°C, TJ 25°C, unless otherwise noted. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Operating Performance
DCIN = 20V, 4S2P Li-Battery, TA = +25°C, unless otherwise noted.
FIGURE 1. VDD LOAD REGULATION
FIGURE 2. VREF LOAD REGULATION
FIGURE 3. ACCURACY vs AC ADAPTER CURRENT
FIGURE 4. SYSTEM EFFICIENCY vs CHARGE CURRENT
0.6
0.3
0.0
-0.3
-0.6
15
0
5
10
20
40
LOAD CURRENT (mA)
0.10
0.08
0.06
0.04
0.00
0
100
200
300
400
0.02
LOAD CURRENT (
A)
0
1
2
3
4
5
6
7
8
9
10
10
20
30
40
50
60
70
80
90
100
CSIP-CSIN (mV)
0
LOAD CURRENT (A)
100
96
92
88
84
80
76
1.5
0
0.5
1.0
2.0
2.5
3.0
3.5
4.0
VCSON = 16.8V
VCSON = 8.4V
2 CELLS
VCSON = 12.6V
3 CELLS
4 CELLS


Similar Part No. - ISL6257

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
ISL6257HRZ INTERSIL-ISL6257HRZ Datasheet
501Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
ISL6257HRZ-T INTERSIL-ISL6257HRZ-T Datasheet
501Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
More results

Similar Description - ISL6257

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com