Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292DCR4-T Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6292DCR4-T
Description  Li-ion/Li Polymer Battery Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6292DCR4-T Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6292DCR4-T Datasheet HTML 5Page - Renesas Technology Corp ISL6292DCR4-T Datasheet HTML 6Page - Renesas Technology Corp ISL6292DCR4-T Datasheet HTML 7Page - Renesas Technology Corp ISL6292DCR4-T Datasheet HTML 8Page - Renesas Technology Corp ISL6292DCR4-T Datasheet HTML 9Page - Renesas Technology Corp ISL6292DCR4-T Datasheet HTML 10Page - Renesas Technology Corp ISL6292DCR4-T Datasheet HTML 11Page - Renesas Technology Corp ISL6292DCR4-T Datasheet HTML 12Page - Renesas Technology Corp ISL6292DCR4-T Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ISL6292D
FN9166 Rev.0.00
Page 10 of 13
July 2004
End-of-Charge (EOC) Current
The end-of-charge current IMIN sets the level at which the
charger indicates the end of the charge with the STAT1 and
STAT2 pins, as shown in Figure 4. The charger terminates at
this moment. The IMIN is set in two ways, by connecting a
resistor between the IMIN pin and ground, or by connecting the
IMIN pin to the V2P8 pin. When programming with the resistor,
the IMIN is set in the equation below.
(EQ. 6)
where RIMIN is the resistor connected between the IMIN pin
and the ground. When connected to the V2P8 pin, the IMIN is
set to 1/10 of IREF, except when the IREF pin is shorted to
GND. Under this exception, IMIN is 5mA.
Charge Current Thermal Foldback
Over-heating is always a concern in a linear charger. The
maximum power dissipation usually occurs at the beginning of
a charge cycle when the battery voltage is at its minimum but
the charge current is at its maximum. The charge current
thermal foldback function in the ISL6292D frees users from the
over-heating concern.
Figure 5 shows the current signals at the summing node of the
current error amplifier CA in the Block Diagram. IR is the
reference. IT is the current from the Temperature Monitoring
block. The IT has no impact on the charge current until the
internal temperature reaches approximately 100°C; then IT
rises at a rate of 1
A/°C. When IT rises, the current control
loop forces the sensed current ISEN to reduce at the same
rate. As a mirrored current, the charge current is 100,000 times
that of the sensed current and reduces at a rate of 100mA/°C.
For a charger with the constant charge current set at 1A, the
charge current is reduced to zero when the internal
temperature rises to 110°C. The actual charge current settles
between 100°C to 110°C.
Usually the charge current should not drop below IMIN
because of the thermal foldback. For some extreme cases if
that does happen, the charger does not indicate end-of-charge
unless the battery voltage is already above the recharge
threshold.
2.8V Bias Voltage
The ISL6292D provides a 2.8V voltage for biasing the internal
control and logic circuit. This voltage is also available for
external circuits such as the NTC thermistor circuit. The
maximum allowed external load is 2mA.
NTC Thermistor
The ISL6292D uses two comparators (CP2 and CP3) to form a
window comparator, as shown in Figure 7. When the TEMP pin
voltage is “out of the window,” determined by the VTMIN and
VTMAX, the ISL6292D stops charging and indicates a fault
condition. When the temperature returns to the set range, the
charger re-starts a charge cycle. The two MOSFETs, Q1 and
Q2, produce hysteresis for both upper and lower thresholds. The
temperature window is shown in Figure 6.
IMIN
10000
VREF
RIMIN
----------------
0.8V
RIMIN
----------------
4
10 A

=
=
FIGURE 5. CURRENT SIGNALS AT THE AMPLIFIER CA INPUT
Temperature
100OC
I
R
I
T
I
SEN
FIGURE 6. CRITICAL VOLTAGE LEVELS FOR TEMP PIN
3.0V
V
TMIN (1.50V)
0V
Under
Temp
Over
Temp
TEMP
Pin
Voltage
V
TMIN-
(1.286V)
V
TMAX (0.605V)
V
TMAX+ (0.660V)
+
-
+
-
V2P8
TEMP
GND
2.8V
R2
R3
R4
R5
Q1
Q2
CP2
CP3
Under
Temp
Over
Temp
ISL6292D
R
U
To TEMP Pin
V
TMIN
V
TMAX
RT
+
-
R1
Battery
Removal
CP1
V
RMV
FIGURE 7. THE INTERNAL AND EXTERNAL CIRCUIT FOR
THE NTC INTERFACE


Similar Part No. - ISL6292DCR4-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292DCR4-T INTERSIL-ISL6292DCR4-T Datasheet
461Kb / 13P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292DCR4-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com