Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292DCRZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6292DCRZ
Description  Li-ion/Li Polymer Battery Charger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6292DCRZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6292DCRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6292DCRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6292DCRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6292DCRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6292DCRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6292DCRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6292DCRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6292DCRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6292DCRZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ISL6292D
FN9166 Rev.0.00
Page 11 of 13
July 2004
As the TEMP pin voltage rises from low and exceeds the 1.5V
threshold (when the V2P8 pin is forced with a 3V bias), the
under temperature signal rises and does not clear until the
TEMP pin voltage falls below the 1.286V falling threshold.
Similarly, the over-temperature signal is given when the TEMP
pin voltage falls below the 0.605V threshold and does not clear
until the voltage rises above 0.66V. The actual accuracy of the
3V bias is not important because all the thresholds and the
TEMP pin voltage are ratios determined by the resistor
dividers, as shown in Figure 7.
The NTC thermistor is required to have a resistance ratio of
3.96:1 at the low and the high temperature limits, that is,
(EQ. 7)
This is because at the low temperature limit, the TEMP pin
voltage is 1.5V, which is 1/2 of the 3V bias. Thus,
(EQ. 8)
where RU is the pull-up resistor as shown in Figure 7. On the
other hand, at the high temperature limit the TEMP pin voltage
is 0.605V, 20.17% of the 3V bias. Therefore,
(EQ. 9)
For applications that do not need to monitor the battery
temperature, the NTC thermistor can be replaced with a
regular resistor of a half value of the pull up resistor RU.
Another option is to connect the TEMP pin to the IREF pin that
has a 0.8V output. With such connection, the IREF pin can no
longer be programmed with logic inputs.
Battery Removal Detection
The ISL6292D assumes that the thermistor is co-packed with
the battery and is removed together with the battery. When the
charger senses a TEMP pin voltage that is 2.1V or higher, it
assumes that the battery is removed. The battery removal
detection circuit is also shown in Figure 7. When a battery is
removed, the charger is stopped. When a battery is inserted
again, a new charge cycle starts.
Indications
The ISL6292D has three indication pins: V2P8, STAT1, and
STAT2. The input presence is indicated by the V2P8 pin.
Figure 8 shows the V2P8 pin voltage vs. the input voltage. The
equivalent circuit for the STAT1 and STAT2 pins are shown in
Figure 9. Both pins have ESD diodes to clamp the pin voltage
between ground and the input, as shown in the Block Diagram.
The STATUS block outputs a logic HIGH when the charger is
charging and a LOW whenever the charger is not charging.
When a fault case happens, the charger stops charging,
therefore, the STATUS block outputs LOW. Depending on fault
cause, either the eighth or the ninth D-type flip-flop output is
gated to the STAT1 pin. Both flip-flop outputs are 50% duty
ratio blinking signals. The periods of the eighth and ninth flip-
flop output are calculated by the following equations:
(EQ. 10)
(EQ. 11)
Table 1 and 2 summarize the LED indication driven by STAT1
and STAT2 respectively.
RCOLD
RHOT
--------------------
3.96
=
RCOLD
RU
=
RHOT
RU
----------------
0.2017
1 0.2017
---------------------------
=
FIGURE 8. THE V2P8 PIN OUTPUT vs THE INPUT VOLTAGE
AT THE VIN PIN. VERTICAL: 1V/DIV,
HORIZONTAL: 100ms/DIV
3.4V
2.4V
2.8V
V
IN
V2P8
FIGURE 9. EQUIVALENT CIRCUIT FOR THE STAT1/STAT2
INDICATION PINS AND KEY OPERATING
WAVEFORMS
OSC
DFF1
DFF9
DFF8
STAT1
STAT2
TIME
C
TIME
STATUS
Temp
Fault
TIMEOUT
Fault
(A)
(B)
TIME
OSC
Output
DFF1
Output
DFF8
Output
DFF9
Output
T8th
2
8
TOSC
256 TOSC
==
T9th
2
9
TOSC
512 TOSC
==


Similar Part No. - ISL6292DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292DCRZ INTERSIL-ISL6292DCRZ Datasheet
461Kb / 13P
   Li-ion/Li Polymer Battery Charger
ISL6292DCRZ-T INTERSIL-ISL6292DCRZ-T Datasheet
461Kb / 13P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com