Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6532ACR Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6532ACR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6532ACR Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6532ACR Datasheet HTML 5Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 6Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 7Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 8Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 9Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL6532A
FN9099 Rev 6.00
Page 9 of 18
Sep 12, 2013
NCH is an open-drain output that controls the MOSFET
blocking backfeed from VDDQ to the input rail during sleep
states. A 2k
 or larger resistor is to be tied between the 12V
rail and the NCH pin. Until the voltage on the NCH pin reaches
the NCH trip level, the PWM is disabled.
If NCH is not actively utilized, it still must be tied to the 12V rail
through a resistor. For systems using 5V dual as the input to
the switching regulator, a time constant, in the form of a
capacitor, can be added to the NCH pad to delay start of the
PWM switcher until the 5V dual has switched from 5VSBY to
5VATX.
PGOOD (Pin 21)
Power Good is an open-drain logic output that changes to a
logic low if any of the three regulators are out of regulation in
S0/S1/S2 state. PGOOD will always be low in any state other
than S0/S1/S2.
SLP_S5# (Pin 24)
This pin accepts the SLP_S5# sleep state signal.
SLP_S3# (Pin 23)
This pin accepts the SLP_S3# sleep state signal.
FB2 (Pin 18)
Connect the output of the external linear regulator to this pin
through a properly sized resistor divider. The voltage at this pin
is regulated to 0.8V. This pin is monitored for under and
overvoltage events.
DRIVE2 (Pin 19)
Connect this pin to the gate terminal of an external
N-Channel MOSFET transistor. This pin provides the gate
voltage for the linear regulator pass transistor. It also provides
a means of compensating the error amplifier for applications
requiring the transient response of the linear regulator to be
optimized.
Functional Description
Overview
The ISL6532A provides complete control, drive, protection and
ACPI compliance for a regulator powering DDR memory
systems. It is primarily designed for computer applications
powered from an ATX power supply. A 250kHz Synchronous
Buck Regulator with a precision 0.8V reference provides the
proper Core voltage to the system memory of the computer. An
internal LDO regulator with the ability to both sink and source
current and an externally available buffered reference that
tracks the VDDQ output by 50% provides the VTT termination
voltage. The ISL6532A also features an LDO regulator for 1.5V
AGP Video and Core voltage.
ACPI compliance is realized through the SLP_S3 and SLP_S5
sleep signals and through monitoring of the 12V ATX bus.
Initialization
The ISL6532A automatically initializes upon receipt of input
power. Special sequencing of the input supplies is not
necessary. The Power-On Reset (POR) function continually
monitors the input bias supply voltages. The POR monitors the
bias voltage at the 5VSBY and P12V pins. The POR function
initiates soft-start operation after the bias supply voltages
exceed their POR thresholds.
ACPI State Transitions
COLD START (S4/S5 TO S0 TRANSITION)
At the onset of a mechanical start, the ISL6532A receives it’s
bias voltage from the 5V Standby bus (5VSBY). As soon as the
SLP_S3 and SLP_S5 have transitioned HIGH, the ISL6532A
starts an internal counter. Following a cold start or any
subsequent S4/S5 state, state transitions are ignored until the
system enters S0/S1. None of the regulators will begin the soft-
start procedure until the 5V Standby bus has exceeded POR,
the 12V bus has exceeded POR and VNCH has exceeded the
trip level.
Once all of these conditions are met, the PWM error amplifier
will first be reset by internally shorting the COMP pin to the FB
pin. This reset lasts for 2048 clock cycles, which is typically
8.2ms (one clock cycle = 1/fOSC). The digital soft-start
sequence will then begin.
The PWM error amplifier reference input is clamped to a level
proportional to the soft-start voltage. As the soft-start voltage
slews up, the PWM comparator generates PHASE pulses of
increasing width that charge the output capacitor(s). The
internal VTT LDO will also soft-start through the reference that
tracks the output of the PWM regulator. The reference for the
AGP LDO controller will rise relative to the soft-start reference.
The soft-start lasts for 2048 clock cycles, which is typically
8.2ms. This method provides a rapid and controlled output
voltage rise.
FIGURE 1. TYPICAL COLD START
VTT
VDDQ
12VATX 2V/DIV
5VSBY
S3
S5
1V/DIV
500mV/DIV
500mV/DIV
VAGP
500mV/DIV
12V POR
SOFT-START
INITIATES
SOFT-START ENDS
PGOOD COMPARATOR
ENABLED
2048 CLOCK
CYCLES
2048 CLOCK
CYCLES
PGOOD
5V/DIV


Similar Part No. - ISL6532ACR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532ACR INTERSIL-ISL6532ACR Datasheet
407Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532ACRZ INTERSIL-ISL6532ACRZ Datasheet
407Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532ACR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com