Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6532BCR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6532BCR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6532BCR Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6532BCR Datasheet HTML 1Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 2Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 3Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 4Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 5Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 6Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 7Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 8Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL6532B
FN9120 Rev 3.00
Page 3 of 15
Jul 2004
Simplified Power System Diagram
Typical Application - 5V or 3.3V Input
PWM
5VSBY
VDDQ
Q1
VTT
ISL6532B
CONTROLLER
REGULATOR
5V
Q2
+
12V
STANDBY
LDO
VREF
VTT
+
SLEEP
STATE
LOGIC
5VSBY/3V3SBY
SLP_S3
SLP_S5
GND
5VSBY
VDDQ
UGATE
Q1
FB
COMP
2.5V
CIN
LOUT
ISL6532B
+
+
CBP
Q2
LGATE
+12V
+5V OR +3.3V
NCH
VDDQ
VDDQ
VTT
VTT
+
VTT
+
VREF_IN
VREF_OUT
SLP_S3
SLP_S5
VTTSNS
PGOOD
+3.3V
VREF
VDDQ
CSS
CVDDQ
CVTT
RNCH
S3#
S5#


Similar Part No. - ISL6532BCR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532BCR INTERSIL-ISL6532BCR Datasheet
362Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532BCR-T INTERSIL-ISL6532BCR-T Datasheet
362Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532BCRZ INTERSIL-ISL6532BCRZ Datasheet
362Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532BCRZ-T INTERSIL-ISL6532BCRZ-T Datasheet
362Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532BCR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com