Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6614CBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6614CBZ
Description  Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6614CBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6614CBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6614CBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6614CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6614CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6614CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6614CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6614CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6614CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6614CBZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ISL6614
FN9155 Rev.5.00
Page 10 of 12
May 5, 2008
the SO14 package is approximately 1W at room temperature,
while the power dissipation capacity in the QFN packages, with
an exposed heat escape pad, is around 2W. See “Layout
Considerations” on page 10 for thermal transfer improvement
suggestions. When designing the driver into an application, it is
recommended that the following calculation is used to ensure
safe operation at the desired frequency for the selected
MOSFETs. The total gate drive power losses due to the gate
charge of MOSFETs and the driver’s internal circuitry and their
corresponding average driver current can be estimated using
Equations 2 and 3, respectively:
where the gate charge (QG1 and QG2) is defined at a particular
gate to source voltage (VGS1and VGS2) in the corresponding
MOSFET datasheet; IQ is the driver’s total quiescent current
with no load at both drive outputs; NQ1 and NQ2 are number of
upper and lower MOSFETs, respectively; PVCC is the drive
voltages for both upper and lower FETs, respectively. The
IQ*VCC product is the quiescent power of the driver without
capacitive load and is typically 200mW at 300kHz.
The total gate drive power losses are dissipated among the
resistive components along the transition path. The drive
resistance dissipates a portion of the total gate drive power
losses, the rest will be dissipated by the external gate resistors
(RG1 and RG2) and the internal gate resistors (RGI1 and RGI2)
of MOSFETs. Figures 3 and 4 show the typical upper and
lower gate drives turn-on transition path. The power dissipation
on the driver can be roughly estimated as:
Layout Considerations
For heat spreading, place copper underneath the IC whether it
has an exposed pad or not. The copper area can be extended
beyond the bottom area of the IC and/or connected to buried
copper plane(s) with thermal vias. This combination of vias for
vertical heat escape, extended copper plane, and buried
planes for heat spreading allows the IC to achieve its full
thermal potential.
Place each channel power component as close to each other
as possible to reduce PCB copper losses and PCB parasitics:
shortest distance between DRAINs of upper FETs and
SOURCEs of lower FETs; shortest distance between DRAINs
of lower FETs and the power ground. Thus, smaller amplitudes
of positive and negative ringing are on the switching edges of
the PHASE node. However, some space in between the power
components is required for good airflow. The traces from the
drivers to the FETs should be kept short and wide to reduce the
inductance of the traces and to promote clean drive signals.
PQg_TOT
2PQg_Q1
2PQg_Q2
IQ VCC
++
=
(EQ. 2)
PQg_Q1
QG1 PVCC2
VGS1
--------------------------------------- FSW
NQ1
=
PQg_Q2
QG2 PVCC2
VGS2
--------------------------------------- FSW
NQ2
=
IDR
QG1 NQ1
VGS1
------------------------------
QG2 NQ2
VGS2
------------------------------
+



FSW 2
IQ
+
=
(EQ. 3)
PDR
2P
DR_UP
2P
DR_LOW
IQ VCC
++
=
(EQ. 4)
PDR_UP
RHI1
RHI1 REXT1
+
--------------------------------------
RLO1
RLO1 REXT1
+
----------------------------------------
+


 PQg_Q1
2
---------------------
=
PDR_LOW
RHI2
RHI2 REXT2
+
--------------------------------------
RLO2
RLO2 REXT2
+
----------------------------------------
+


 PQg_Q2
2
---------------------
=
REXT1
RG1
RGI1
NQ1
-------------
+
=
REXT2
RG2
RGI2
NQ2
-------------
+
=
FIGURE 3. TYPICAL UPPER-GATE DRIVE TURN-ON PATH
FIGURE 4. TYPICAL LOWER-GATE DRIVE TURN-ON PATH
Q1
D
S
G
RGI1
RG1
BOOT
RHI1
CDS
CGS
CGD
RLO1
PHASE
PVCC
PVCC
Q2
D
S
G
RGI2
RG2
RHI2
CDS
CGS
CGD
RLO2


Similar Part No. - ISL6614CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6614CBZ INTERSIL-ISL6614CBZ Datasheet
331Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6614CBZ-T INTERSIL-ISL6614CBZ-T Datasheet
331Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6614CBZA INTERSIL-ISL6614CBZA Datasheet
331Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6614CBZA-T INTERSIL-ISL6614CBZA-T Datasheet
331Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6614CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6614 INTERSIL-ISL6614 Datasheet
331Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com