Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6614CRZA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6614CRZA
Description  Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6614CRZA Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6614CRZA Datasheet HTML 1Page - Renesas Technology Corp ISL6614CRZA Datasheet HTML 2Page - Renesas Technology Corp ISL6614CRZA Datasheet HTML 3Page - Renesas Technology Corp ISL6614CRZA Datasheet HTML 4Page - Renesas Technology Corp ISL6614CRZA Datasheet HTML 5Page - Renesas Technology Corp ISL6614CRZA Datasheet HTML 6Page - Renesas Technology Corp ISL6614CRZA Datasheet HTML 7Page - Renesas Technology Corp ISL6614CRZA Datasheet HTML 8Page - Renesas Technology Corp ISL6614CRZA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN9155 Rev.5.00
Page 1 of 12
May 5, 2008
FN9155
Rev.5.00
May 5, 2008
ISL6614
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection
Features
DATASHEET
The ISL6614 integrates two ISL6613 MOSFET drivers and is
specifically designed to drive two independent power
channels in a Multi-Phase interleaved buck converter
topology. These drivers combined with HIP63xx or ISL65xx
Multi-Phase Buck PWM controllers and N-Channel
MOSFETs form complete core-voltage regulator solutions for
advanced microprocessors.
The ISL6614 drives both the upper and lower gates
simultaneously over a range from 5V to 12V. This drive
voltage provides the flexibility necessary to optimize
applications involving trade-offs between gate charge and
conduction losses.
An advanced adaptive zero shoot-through protection is
integrated to prevent both the upper and lower MOSFETs
from conducting simultaneously and to minimize the dead
time. These products add an overvoltage protection feature
operational before VCC exceeds its turn-on threshold, at
which the PHASE node is connected to the gate of the low
side MOSFET (LGATE). The output voltage of the converter
is then limited by the threshold of the low side MOSFET,
which provides some protection to the microprocessor if the
upper MOSFET(s) is shorted during startup. The over-
temperature protection feature prevents failures resulting
from excessive power dissipation by shutting off the outputs
when its junction temperature exceeds +150°C (typically).
The driver resets once its junction temperature returns to
+108°C (typically).
The ISL6614 also features a three-state PWM input which,
working together with Intersil’s multi-phase PWM controllers,
prevents a negative transient on the output voltage when the
output is shut down. This feature eliminates the Schottky
diode that is used in some systems for protecting the load
from reversed output voltage events.
Features
• Pin-to-pin Compatible with HIP6602 SOIC Family for
Better Performance and Extra Protection Features
• Quad N-Channel MOSFET Drives for Two Synchronous
Rectified Bridges
• Advanced Adaptive Zero Shoot-Through Protection
- Body Diode Detection
- Auto-zero of rDS(ON) Conduction Offset Effect
• Adjustable Gate Voltage (5V to 12V) for Optimal Efficiency
• Internal Bootstrap Schottky Diode
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency (up to 1MHz)
- 3A Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• Three-State PWM Input for Output Stage Shutdown
• Three-State PWM Input Hysteresis for Applications With
Power Sequencing Requirement
• Pre-POR Overvoltage +Protection
• VCC Undervoltage Protection
• Over-Temperature Protection (OTP) with +42°C Hysteresis
• Expandable Bottom Copper Pad for Enhanced Heat Sinking
• QFN Package:
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Package Outline
- Near Chip Scale Package Footprint, which Improves
PCB Efficiency and has a Thinner Profile
• Pb-free Available (RoHS compliant)
Applications
• Core Regulators for Intel® and AMD® Microprocessors
• High Current DC/DC Converters
• High Frequency and High Efficiency VRM and VRD
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief 400 and 417 for Power Train Design,
Layout Guidelines, and Feedback Compensation Design


Similar Part No. - ISL6614CRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6614CRZA INTERSIL-ISL6614CRZA Datasheet
331Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6614CRZA INTERSIL-ISL6614CRZA Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6614CRZA-T INTERSIL-ISL6614CRZA-T Datasheet
331Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6614CRZA-T INTERSIL-ISL6614CRZA-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6614CRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6614 INTERSIL-ISL6614 Datasheet
331Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com