Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6615AIRZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6615AIRZ
Description  High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6615AIRZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6615AIRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISL6615A
FN6608 Rev 2.00
Page 4 of 13
April 13, 2012
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT-GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE. . . . . . . . . . . . . . . . . . . . . . . . . . . .VPHASE - 0.3VDC to VBOOT + 0.3V
. . . . . . . . . . . .VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to VPVCC + 0.3V
. . . . . . . . . . . . . . . . .GND - 5V (<100ns Pulse Width, 2µJ) to VPVCC + 0.3V
PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to 15VDC
GND - 8V (<400ns, 20µJ) to
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V (<200ns, VBOOT-GND < 36V))
ESD Ratings
HBM (Tested per JESD22-A114E). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
MM (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
CDM (Tested per JESD22-C101C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Latchup . . . . . . . . . . . . . . . . . . . . . . Tested per JESD78A, Class II at +85°C
Thermal Resistance
JA (°C/W)
JC (°C/W)
SOIC Package (Notes 4, 5) . . . . . . . . . . . . . 98
56
DFN Package (Notes 6, 7) . . . . . . . . . . . . . 47
5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range
ISL6615ACRZ, ISL6615ACBZ . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
ISL6615AIRZ, ISL6615AIBZ . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
ISL6615AFRZ (Note 8). . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . . .+125°C
VCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.8V to 13.2V
PVCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V to 12V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
5. For
JC, the “case temp” location is taken at the package top center.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
8. When using ISL6615AFRZ, care should be taken to minimize power dissipation.
Electrical Specifications Recommended Operating Conditions; Boldface limits apply over the operating temperature ranges.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
fPWM = 300kHz, VVCC = 12V
-
4.5
-
mA
Gate Drive Bias Current
IPVCC
fPWM = 300kHz, VPVCC = 12V
-
8
-
mA
POWER-ON RESET AND ENABLE
VCC Rising Threshold
6.1
6.4
6.7
V
VCC Falling Threshold
4.7
5.0
5.3
V
PWM INPUT (See “TIMING DIAGRAM” on page 6)
Input Current
IPWM
VPWM = 5V
-
510
-
µA
VPWM = 0V
-
-475
-
µA
PWM Rising Threshold (Note 10)
VCC = 12V
-
3.00
-
V
PWM Falling Threshold (Note 10)
VCC = 12V
-
2.00
-
V
Typical Tri-State Shutdown Window
VCC = 12V
1.80
-
2.40
V
Tri-State Lower Gate Falling Threshold
VCC = 12V
-
1.50
-
V
Tri-State Lower Gate Rising Threshold
VCC = 12V
-
1.00
-
V
Tri-State Upper Gate Rising Threshold
VCC = 12V
-
3.20
-
V
Tri-State Upper Gate Falling Threshold
VCC = 12V
-
2.70
-
V
Shutdown Holdoff Time
tTSSHD
-55
-
ns
UGATE Rise Time (Note 10)
tRU
VPVCC = 12V, 3nF Load, 10% to 90%
-
13
-
ns
LGATE Rise Time (Note 10)
tRL
VPVCC = 12V, 3nF Load, 10% to 90%
-
10
-
ns


Similar Part No. - ISL6615AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6615AIRZ INTERSIL-ISL6615AIRZ Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615AIRZ INTERSIL-ISL6615AIRZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results

Similar Description - ISL6615AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6615 INTERSIL-ISL6615 Datasheet
233Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com