Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6615AIRZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6615AIRZ
Description  High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6615AIRZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6615AIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6615AIRZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ISL6615A
FN6608 Rev 2.00
Page 8 of 13
April 13, 2012
where the gate charge (QG1 and QG2) is defined at a particular
gate to source voltage (VGS1and VGS2) in the corresponding
MOSFET datasheet; IQ is the driver’s total quiescent current with
no load at both drive outputs; NQ1 and NQ2 are the number of
upper and lower MOSFETs, respectively; PVCC is the drive voltage
for both upper and lower FETs. The IQ*VCC product is the
quiescent power of the driver without capacitive load and is
typically 200mW at 300kHz and VCC = PVCC = 12V.
The total gate drive power losses are dissipated among the
resistive components along the transition path. The drive
resistance dissipates a portion of the total gate drive power
losses; the rest will be dissipated by the external gate resistors
(RG1 and RG2) and the internal gate resistors (RGI1 and RGI2) of
MOSFETs. Figures 3 and 4 show the typical upper and lower gate
drives turn-on transition path. The power dissipation on the driver
can be roughly estimated, as shown in Equation 4.
Application Information
Layout Considerations
The parasitic inductances of the PCB and of the power devices’
packaging (both upper and lower MOSFETs) can cause serious
ringing, exceeding the absolute maximum ratings of the devices.
A good layout helps reduce the ringing on the switching node
(PHASE) and significantly lowers the stress applied to the output
drives. The following advice is meant to lead to an optimized
layout and performance:
• Keep decoupling loops (VCC-GND, PVCC-GND and BOOT-PHASE)
short and wide (at least 25 mils). Avoid using vias on decoupling
components other than their ground terminals, which should be
on a copper plane with at least two vias.
• Minimize trace inductance, especially on low-impedance lines.
All power traces (UGATE, PHASE, LGATE, GND, PVCC, VCC,
GND) should be short and wide (at least 25 mils). Try to place
power traces on a single layer, otherwise, two vias on
interconnection are preferred where possible. For no
connection (NC) pins on the QFN part, connecting them to the
adjacent net (LGATE2/PHASE2) can reduce trace inductance.
• Shorten all gate drive loops (UGATE-PHASE and LGATE-GND)
and route them closely spaced.
• Minimize the inductance of the PHASE node. Ideally, the
source of the upper and the drain of the lower MOSFET should
be as close as thermally allowable.
• Minimize the current loop of the output and input power trains.
Short the source connection of the lower MOSFET to ground as
close to the transistor pin as feasible. Input capacitors
(especially ceramic decoupling) should be placed as close to
the drain of upper and source of lower MOSFETs as possible.
• Avoid routing relatively high impedance nodes (such as PWM
and ENABLE lines) close to high dV/dt UGATE and PHASE
nodes.
In addition, for heat spreading, place copper underneath the IC
whether it has an exposed pad or not. The copper area can be
extended beyond the bottom area of the IC and/or connected to
buried power ground plane(s) with thermal vias. This
combination of vias for vertical heat escape, extended copper
plane, and buried planes for heat spreading allows the IC to
achieve its full thermal potential.
Upper MOSFET Self Turn-On Effects at
Start-up
Should the driver have insufficient bias voltage applied, its
outputs are floating. If the input bus is energized at a high dV/dt
rate while the driver outputs are floating due to the self-coupling
via the internal CGD of the MOSFET, the UGATE could
momentarily rise up to a level greater than the threshold voltage
of the MOSFET. This could potentially turn on the upper switch
and result in damaging inrush energy. Therefore, if such a
situation (when input bus powered up before the bias of the
controller and driver is ready) could conceivably be encountered,
it is a common practice to place a resistor (RUGPH) across the
gate and source of the upper MOSFET to suppress the Miller
coupling effect. The value of the resistor depends mainly on the
input voltage’s rate of rise, the CGD/CGS ratio, as well as the
FIGURE 3. TYPICAL UPPER-GATE DRIVE TURN-ON PATH
FIGURE 4. TYPICAL LOWER-GATE DRIVE TURN-ON PATH
PDR
PDR_UP PDR_LOW IQ VCC
++
=
(EQ. 4)
PDR_UP
RHI1
RHI1 REXT1
+
-----------------------------------
RLO1
RLO1 REXT1
+
-------------------------------------
+


 PQg_Q1
2
-------------------
=
PDR_LOW
RHI2
RHI2 REXT2
+
-----------------------------------
RLO2
RLO2 REXT2
+
-------------------------------------
+


 PQg_Q2
2
-------------------
=
REXT1
RG1
RGI1
NQ1
------------
+
=
REXT2
RG2
RGI2
NQ2
------------
+
=
Q1
D
S
G
RGI1
RG1
BOOT
RHI1
CDS
CGS
CGD
RLO1
PHASE
PVCC
PVCC
Q2
D
S
G
RGI2
RG2
RHI2
CDS
CGS
CGD
RLO2


Similar Part No. - ISL6615AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6615AIRZ INTERSIL-ISL6615AIRZ Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615AIRZ INTERSIL-ISL6615AIRZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results

Similar Description - ISL6615AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6615 INTERSIL-ISL6615 Datasheet
233Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com