Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6620A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6620A
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6620A Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6620A Datasheet HTML 1Page - Renesas Technology Corp ISL6620A Datasheet HTML 2Page - Renesas Technology Corp ISL6620A Datasheet HTML 3Page - Renesas Technology Corp ISL6620A Datasheet HTML 4Page - Renesas Technology Corp ISL6620A Datasheet HTML 5Page - Renesas Technology Corp ISL6620A Datasheet HTML 6Page - Renesas Technology Corp ISL6620A Datasheet HTML 7Page - Renesas Technology Corp ISL6620A Datasheet HTML 8Page - Renesas Technology Corp ISL6620A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ISL6620, ISL6620A
FN6494 Rev 0.00
Page 5 of 10
April 25, 2008
LGATE Rise Time (Note 4)
t_RL
VCC = 5V, 3nF load, 10% to 90%
8
ns
UGATE Fall Time (Note 4)
t_FU
VCC = 5V, 3nF load, 10% to 90%
8
ns
LGATE Fall Time (Note 4)
t_FL
VCC = 5V, 3nF load, 10% to 90%
4
ns
UGATE Turn-On Propagation Delay (Note 4)
t_PDHU
VCC = 5V, 3nF load, adaptive
40
ns
LGATE Turn-On Propagation Delay (Note 4)
t_PDHL
VCC = 5V, 3nF load, adaptive
23
ns
UGATE Turn-Off Propagation Delay (Note 4)
t_PDLU
VCC = 5V, 3nF load
18
ns
LGATE Turn-Off Propagation Delay (Note 4)
t_PDLL
VCC = 5V, 3nF load
25
ns
Minimum Lgate on time at Diode emulation
t_LG_ON_DM VCC = 5V
230
330
450
ns
OUTPUT (Note 4)
Upper Drive Source Current
I_U_Source
VCC = 5V, 3nF load
2
A
Upper Drive Source Impedance
R_U_SOURCE 20mA source current
1
Upper Drive Sink Current
I_U_SINK
VCC = 5V, 3nF load
2
A
Upper Drive Sink Impedance
R_U_SINK
20mA sink current
1
Lower Drive Source Current
I_L_SOURCE VCC = 5V, 3nF load
2
A
Lower Drive Source Impedance
R_L_SOURCE 20mA source current
1
Lower Drive Sink Current
I_L_SINK
VCC = 5V, 3nF load
4
A
Lower Drive Sink Impedance
R_L_SINK
20mA sink current
0.4
NOTE:
4. Limits should be considered typical and are not production tested.
Electrical Specifications
Recommended Operating Conditions; Parameters with MIN and/or MAX limits are 100% tested at +25°C,
unless otherwise specified. Temperature limits established by characterization and are not production
tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Functional Pin Description
PACKAGE PIN #
PIN
SYMBOL
FUNCTION
SOIC
DFN
1
1
UGATE
Upper gate drive output. Connect to gate of high-side power N-Channel MOSFET.
2
2
BOOT
Floating bootstrap supply pin for the upper gate drive. Connect the bootstrap capacitor between this pin and the
PHASE pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See “Internal Bootstrap
Device” on page 7 for guidance in choosing the capacitor value.
-
3, 8
NC
No connect.
3
4
PWM
The PWM signal is the control input for the driver. The PWM signal can enter three distinct states during operation.
See “Advanced PWM Protocol (Patent Pending)” on page 6 for further details. Connect this pin to the PWM output
of the controller.
4
5
GND
Bias and reference ground. All signals are referenced to this node. It is also the power-ground return of the driver.
5
6
LGATE
Lower gate drive output. Connect to gate of the low-side power N-Channel MOSFET.
6
7
VCC
Connect this pin to 5V bias supply. This pin supplies power to the upper gate and lower gate drive. Place a high
quality low ESR ceramic capacitor from this pin to GND.
7
9
EN
Enable input pin. Connect this pin high to enable driver and low to disable driver.
8
10
PHASE
Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET. This pin provides
a return path for the upper gate drive.
-
11
PAD
Connect this pad to the power ground plane (GND) via thermally enhanced connection.


Similar Part No. - ISL6620A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620A INTERSIL-ISL6620A Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6620A INTERSIL-ISL6620A Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
ISL6620A INTERSIL-ISL6620A Datasheet
1Mb / 44P
   Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
ISL6620A INTERSIL-ISL6620A Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
ISL6620ACBZ INTERSIL-ISL6620ACBZ Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6620A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com