Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6620A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6620A
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6620A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6620A Datasheet HTML 2Page - Renesas Technology Corp ISL6620A Datasheet HTML 3Page - Renesas Technology Corp ISL6620A Datasheet HTML 4Page - Renesas Technology Corp ISL6620A Datasheet HTML 5Page - Renesas Technology Corp ISL6620A Datasheet HTML 6Page - Renesas Technology Corp ISL6620A Datasheet HTML 7Page - Renesas Technology Corp ISL6620A Datasheet HTML 8Page - Renesas Technology Corp ISL6620A Datasheet HTML 9Page - Renesas Technology Corp ISL6620A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ISL6620, ISL6620A
FN6494 Rev 0.00
Page 7 of 10
April 25, 2008
driver is enabled and the PWM input signal takes control of the
gate drives. If VCC drops below the falling threshold of 3.5V
(typically), operation of the driver is disabled.
Internal Bootstrap Device
ISL6620, ISL6620A features an internal bootstrap Schottky
diode. Simply adding an external capacitor across the BOOT
and PHASE pins completes the bootstrap circuit. The
bootstrap function is also designed to prevent the bootstrap
capacitor from overcharging due to the large negative swing at
the trailing-edge of the PHASE node. This reduces voltage
stress on the BOOT to PHASE pins.
The bootstrap capacitor must have a maximum voltage rating
well above the maximum voltage intended for VCC. Its
capacitance value can be estimated using Equation 1:
where QG1 is the amount of gate charge per upper MOSFET
at VGS1 gate-source voltage and NQ1 is the number of control
MOSFETs. The
VBOOT_CAP term is defined as the allowable
droop in the rail of the upper gate drive. Select results are
exemplified in Figure 2.
Power Dissipation
Package power dissipation is mainly a function of the switching
frequency (FSW), the output drive impedance, the layout
resistance, and the selected MOSFET’s internal gate resistance
and total gate charge (QG). Calculating the power dissipation in
the driver for a desired application is critical to ensure safe
operation. Exceeding the maximum allowable power dissipation
level may push the IC beyond the maximum recommended
operating junction temperature. The DFN package is more
suitable for high frequency applications. See “Layout
Considerations” on page 8 for thermal impedance improvement
suggestions. The total gate drive power losses due to the gate
charge of MOSFETs and the driver’s internal circuitry and their
corresponding average driver current can be estimated using
Equations 2 and 3, respectively:
where the gate charge (QG1 and QG2) is defined at a particular
gate to source voltage (VGS1 and VGS2) in the corresponding
MOSFET data sheet; IQ is the driver’s total quiescent current
with no load at both drive outputs; NQ1 and NQ2 are number of
upper and lower MOSFETs, respectively; UVCC and LVCC are
the drive voltages for both upper and lower FETs, respectively.
The IQ*VCC product is the quiescent power of the driver
without a load.
The total gate drive power losses are dissipated among the
resistive components along the transition path, as outlined in
Equation 4. The drive resistance dissipates a portion of the total
gate drive power losses, the rest will be dissipated by the
external gate resistors (RG1 and RG2) and the internal gate
resistors (RGI1 and RGI2) of MOSFETs. Figures 3 and 4 show
the typical upper and lower gate drives turn-on current paths.
20nC
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
VBOOT_CAP (V)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
50nC
CBOOT_CAP
QGATE
V
BOOT_CAP
--------------------------------------
QGATE
QG1 VCC
VGS1
------------------------------- NQ1
=
(EQ. 1)
FIGURE 3. TYPICAL UPPER-GATE DRIVE TURN-ON PATH
PQg_TOT
PQg_Q1 PQg_Q2 IQ VCC
++
=
(EQ. 2)
PQg_Q1
QG1 UVCC2
VGS1
--------------------------------------- FSW
NQ1
=
PQg_Q2
QG2 LVCC2
VGS2
-------------------------------------- FSW
NQ2
=
IDR
QG1 UVCC NQ1
VGS1
------------------------------------------------------
QG2 LVCC NQ2
VGS2
-----------------------------------------------------
+



FSW IQ
+
=
(EQ. 3)
PDR
PDR_UP PDR_LOW IQ VCC
++
=
(EQ. 4)
PDR_UP
RHI1
RHI1 REXT1
+
--------------------------------------
RLO1
RLO1 REXT1
+
----------------------------------------
+


 PQg_Q1
2
---------------------
=
PDR_LOW
RHI2
RHI2 REXT2
+
--------------------------------------
RLO2
RLO2 REXT2
+
----------------------------------------
+


 PQg_Q2
2
---------------------
=
REXT1
RG1
RGI1
NQ1
-------------
+
=
REXT2
RG2
RGI2
NQ2
-------------
+
=
Q1
D
S
G
RG1
RL1
BOOT
RHI1
CDS
CGS
CGD
RLO1
PHASE
UVCC


Similar Part No. - ISL6620A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620A INTERSIL-ISL6620A Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6620A INTERSIL-ISL6620A Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
ISL6620A INTERSIL-ISL6620A Datasheet
1Mb / 44P
   Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
ISL6620A INTERSIL-ISL6620A Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
ISL6620ACBZ INTERSIL-ISL6620ACBZ Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6620A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com