Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6625AIRZ-T Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6625AIRZ-T
Description  Synchronous Rectified Buck MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6625AIRZ-T Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6625AIRZ-T Datasheet HTML 1Page - Renesas Technology Corp ISL6625AIRZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL6625AIRZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL6625AIRZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL6625AIRZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL6625AIRZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL6625AIRZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL6625AIRZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL6625AIRZ-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ISL6625A
FN7978 Rev 0.00
Page 3 of 10
September 19, 2012
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
BOOT Voltage (VBOOT - GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . VPHASE - 0.3VDC to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to VVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to VVCC + 0.3V
PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to 25VDC
GND - 8V (<400ns, 20µJ) to 30V (<200ns, VBOOT - GND<36V)
ESD Rating
Human Body Model (Tested per Class I JEDEC STD) . . . . . . . . . . . .2.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250V
Thermal Resistance
JA (°C/W) JC (°C/W)
2x2 DFN Package (Notes 4, 5) . . . . . . . . . .
90
25
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Ambient Temperature Range (ISL6625AIRZ). . . . . . . . . . . -40°C to +85°C
Ambient Temperature Range (ISL6625ACRZ) . . . . . . . . . . . .0°C to +70°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . . +125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V to 13.2V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
VCC SUPPLY CURRENT (Note 6)
No Load Switching Supply Current
IVCC
VVCC = 12V, FPWM = 300kHz
-
7.56
-
mA
IVCC
VVCC = 12V, PWM = 2.5V
-
0.72
-
mA
POWER-ON RESET
VCC Rising Threshold
-4.64
-
V
VCC Falling Threshold
-4.17
-
V
PWM INPUT (See “TIMING DIAGRAM” on page 4)
Input Current
IPWM
VPWM = 5V
-
124
-
µA
VPWM = 0V
-
-141
-
µA
Three-State Upper Gate Rising Threshold
VCC = 12V
-
2.77
-
V
Three-State Upper Gate Falling Threshold
VCC = 12V
-
3.23
-
V
Three-State Lower Gate Rising Threshold
VCC = 12V
-
1.20
-
V
Three-State Lower Gate Falling Threshold
VCC = 12V
-
1.50
-
V
UGATE Rise Time
tRU
VVCC = 12V, 3nF Load, 10% to 90%
-
31
-
ns
LGATE Rise Time
tRL
VVCC = 12V, 3nF Load, 10% to 90%
-
28
-
ns
UGATE Fall Time
tFU
VVCC = 12V, 3nF Load, 90% to 10%
-
18
-
ns
LGATE Fall Time
tFL
VVCC = 12V, 3nF Load, 90% to 10%
-
16
-
ns
UGATE Turn-On Propagation Delay
tPDHU
VVCC = 12V, 3nF Load, Adaptive
-
16
-
ns
LGATE Turn-On Propagation Delay
tPDHL
VVCC = 12V, 3nF Load, Adaptive
-
38
-
ns
UGATE Turn-Off Propagation Delay
tPDLU
VVCC = 12V, 3nF Load
-
21
-
ns
LGATE Turn-Off Propagation Delay
tPDLL
VVCC = 12V, 3nF Load
-
23
-
ns


Similar Part No. - ISL6625AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6625AIRZ-T INTERSIL-ISL6625AIRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
More results

Similar Description - ISL6625AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com