Electronic Components Datasheet Search |
|
ISL6841IUZ Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
ISL6841IUZ Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 14 page ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845 FN9124 Rev 13.00 Page 6 of 14 February 18, 2015 Absolute Maximum Ratings Thermal Information Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD + 0.3V Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 6.0V Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A Operating Conditions Temperature Range ISL684xIx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C ISL684xCx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C Supply Voltage Range (Typical, Note 8) ISL6840, ISL6841. . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5V to 14V ISL6843, ISL6845. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V to 16V ISL6842, ISL6844. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V to 18V Thermal Resistance (Typical) JA (°C/W) JC (°C/W) DFN Package (Notes 5, 6) . . . . . . . . . . 77 6 SOIC Package (Note 5) . . . . . . . . . . . . 100 N/A MSOP Package (Notes 5, 7) . . . . . . . . 165 62 Maximum Junction Temperature . . . . . . . . . . . . . . .-55°C to +150°C Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 5. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 6. For JC, the “case temp” location is the center of the exposed metal pad on the package underside. 7. For JC, the “case temp” location is taken at the package top center. 8. All voltages are with respect to GND. Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” and “Typical Application” schematic on pages 3 and 4. VDD = 15V (Note 12), Rt = 10k, Ct = 3.3nF, TA = -40°C to +105°C (Industrial) or TA = 0°C to +70°C (Commercial), Typical values are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +105°C or 0°C to +70°C . PARAMETER TEST CONDITIONS MIN (Note 9) TYP MAX (Note 9) UNITS UNDERVOLTAGE LOCKOUT START Threshold (ISL6840, ISL6841) 6.5 7.0 7.5 V START Threshold (ISL6843, ISL6845) 7.8 8.4 9.0 V START Threshold (ISL6842, ISL6844) 13.3 14.3 15.3 V STOP Threshold (ISL6840, ISL6841) 6.1 6.6 6.9 V STOP Threshold (ISL6843, ISL6845) 6.7 7.2 7.7 V STOP Threshold (ISL6843C Only) 6.6 7.2 7.8 V STOP Threshold (ISL6842, ISL6844) 8.0 8.8 9.6 V Hysteresis (ISL6840, ISL6841) -0.4 - V Hysteresis (ISL6843, ISL6845) -0.8 - V Hysteresis (ISL6842, ISL6844) -5.4 - V Start-up Current, IDD VDD < START Threshold - 60 100 µA Operating Current, IDD (Note 10) - 3.3 4.0 mA Operating Supply Current, ID Includes 1nF GATE loading - 4.1 5.5 mA REFERENCE VOLTAGE Overall Accuracy Over line (VDD = 12V to 18V), load, temperature 4.925 5.000 5.050 V Overall Accuracy (ISL6843C Only) 4.82 5.000 5.18 V Long Term Stability TA = +125°C, 1000 hours (Note 11) - 5 - mV Fault Voltage 4.40 4.65 4.85 V VREF Good Voltage 4.60 4.80 VREF - 0.05 V Hysteresis 50 165 250 mV |
Similar Part No. - ISL6841IUZ |
|
Similar Description - ISL6841IUZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |