Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8011IRZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL8011IRZ
Description  1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8011IRZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL8011IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL8011IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL8011IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL8011IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL8011IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL8011IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL8011IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL8011IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL8011IRZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ISL8011
FN9254 Rev 2.00
Page 6 of 10
August 4, 2009
Typical Applications
Block Diagram
FIGURE 10. TYPICAL APPLICATION FOR ADJUSTABLE VERSION
PHASE
PGND
SGND
FB
L
C2
10µF
R2
61.9k
VOUT
1.3V, 1.2V
R3
100k
GND
POR
EN
VCC
PVIN
VIN
2.7V TO 5.5V
C3
0.1µF
R1
100k
C1
10µF
1.8µH
ISL8011
FIGURE 11. FUNCTIONAL BLOCK DIAGRAM
EA
BANDGAP
SOFT-START
COMP
PWM CONTROL
AND DRIVERS
CSA1
PHASE
PVIN
PGND
VCC
50
SLOPE
COMPENSATION
OCP
0.8V
EN
FB
200ms
DELAY
POR
0.864V
0.736V
SCP
270k
30pF
0.85V
SGND
GND
SHUTDOWN
0.2V
SHUTDOWN
OSCILLATOR
CSA2
ZC
+
-
+
-
+
-
+
-
+
-
+
-
-
+
+
-
+


Similar Part No. - ISL8011IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8011IRZ INTERSIL-ISL8011IRZ Datasheet
303Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
ISL8011IRZ-T INTERSIL-ISL8011IRZ-T Datasheet
303Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8011IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8011 INTERSIL-ISL8011 Datasheet
303Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Intersil Corporation
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL6273 RENESAS-ISL6273 Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL6273 INTERSIL-ISL6273 Datasheet
585Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
   Tiny 1.2A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com