Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ9F15S92 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DZ9F15S92
Description  SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZ9F15S92 Datasheet(HTML) 2 Page - Diodes Incorporated

  DZ9F15S92 Datasheet HTML 1Page - Diodes Incorporated DZ9F15S92 Datasheet HTML 2Page - Diodes Incorporated DZ9F15S92 Datasheet HTML 3Page - Diodes Incorporated DZ9F15S92 Datasheet HTML 4Page - Diodes Incorporated DZ9F15S92 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DZ9F2V7S92 - DZ9F24S92
Document number: DS37439 Rev. 5 - 2
2 of 5
www.diodes.com
September 2017
© Diodes Incorporated
DZ9F2V7S92 - DZ9F24S92
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
Derate Above +25°C (Note 5)
PD
200
2.0
mW
mW/°C
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Note:
5. Device mounted on FR-
4 PCB with minimum recommended pad layout, as shown in Diodes Incorporated’s Suggested Pad Layout document, which can
be found on our website at http://www.diodes.com/package-outlines.html.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
Marking
Codes
Zener Voltage Range
(Note 6)
Maximum Zener
Impedance
(Note 7)
Temperature
Coefficient
Total
Capacitance
Maximum
Reverse
Current
(Note 6)
VZ @ IZT
IZT
ZZT
@ IZT
ZZK
@
IZK
IZK
TC @ IZT
CT @ f =
1MHz,
VR = 0V
IR @ VR
VR
Nom
(V)
Min
(V)
Max
(V)
mA
mA
Min
(mV/
°C)
Max
(mV/
°C)
(pF)
µA
V
DZ9F2V7S92
ZB
2.7
2.57
2.84
5
100
1,000
1
−3.5
0
210
20
1
DZ9F3V0S92
ZC
3.0
2.85
3.15
5
100
1,000
1
−3.5
0
210
10
1
DZ9F3V3S92
ZD
3.3
3.14
3.47
5
100
1,000
1
−3.5
0
210
10
1
DZ9F3V6S92
ZE
3.6
3.42
3.78
5
100
1,000
1
−3.5
0
210
10
1
DZ9F3V9S92
ZF
3.9
3.71
4.10
5
100
1,000
1
−3.5
−2.5
210
5
1
DZ9F4V1S92
Z1
4.1
3.94
4.36
5
100
1,000
1
−3.5
0
210
5
1
DZ9F4V3S92
ZG
4.3
4.09
4.52
5
100
1,000
1
−3.5
0
210
5
1
DZ9F4V7S92
ZH
4.7
4.47
4.94
5
100
800
0.5
−3.5
0.2
150
2
1
DZ9F5V1S92
ZI
5.1
4.85
5.36
5
80
500
0.5
−2.7
1.2
130
2
1.5
DZ9F5V6S92
ZJ
5.6
5.32
5.88
5
60
200
0.5
−2.0
2.5
115
1
2.5
DZ9F6V2S92
ZK
6.2
5.89
6.51
5
60
100
0.5
0.4
3.7
110
1
3
DZ9F6V8S92
ZL
6.8
6.46
7.14
5
40
60
0.5
1.2
4.5
105
0.5
3.5
DZ9F7V5S92
ZM
7.5
7.13
7.88
5
30
60
0.5
2.5
5.3
100
0.5
4
DZ9F8V2S92
ZN
8.2
7.79
8.61
5
30
60
0.5
3.2
6.2
90
0.5
5
DZ9F9V1S92
ZO
9.1
8.65
9.56
5
30
60
0.5
3.8
7
80
0.5
6
DZ9F10S92
ZP
10
9.50
10.50
5
30
60
0.5
4.5
8
80
0.1
7
DZ9F11S92
ZQ
11
10.45
11.55
5
30
60
0.5
5.4
9
80
0.1
8
DZ9F12S92
ZR
12
11.40
12.60
5
30
80
0.5
6
10
80
0.1
9
DZ9F13S92
ZS
13
12.35
13.65
5
37
80
0.5
7
11
75
0.1
10
DZ9F15S92
ZT
15
14.25
15.75
5
42
80
0.5
9.2
13
70
0.1
11
DZ9F16S92
ZU
16
15.20
16.80
5
50
80
0.5
10.4
14
65
0.1
12
DZ9F18S92
ZV
18
17.10
18.90
5
50
80
0.5
12.4
16
60
0.1
14
DZ9F20S92
ZW
20
19.00
21.00
5
55
100
0.5
14.4
18
55
0.1
15.4
DZ9F22S92
ZX
22
20.90
23.10
5
55
100
0.5
15.4
20
55
0.1
16.8
DZ9F24S92
ZY
24
22.80
25.20
5
70
120
0.5
16.8
22
50
0.1
18.9
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. f = 1kHz.


Similar Part No. - DZ9F15S92

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
More results

Similar Description - DZ9F15S92

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com