Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9104IRUNZ-T Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL9104IRUNZ-T
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9104IRUNZ-T Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL9104IRUNZ-T Datasheet HTML 1Page - Renesas Technology Corp ISL9104IRUNZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9104IRUNZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9104IRUNZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9104IRUNZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9104IRUNZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9104IRUNZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9104IRUNZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9104IRUNZ-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ISL9104, ISL9104A
FN6829 Rev 5.00
Page 4 of 14
Absolute Maximum Ratings
Thermal Information
VIN, EN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
SW to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.5V to 6.5V
FB to GND (for adjustable version) . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.7V
FB to GND (for fixed output version). . . . . . . . . . . . . . . . . . . . . -0.3V to 3.6V
Recommended Operating Conditions
VIN Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 6.0V
Load Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . up to 500mA
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical, Note 5)
JA (°C/W)
1.6x1.6 µTDFN Package . . . . . . . . . . . . . . . . . . . . . . . . .
160
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
5.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications Unless otherwise noted, all parameter limits are guaranteed over the recommended operating
conditions and the typical specifications are measured at the following conditions: TA = +25°C, VIN = VEN = 3.6V, L = 1.0µH, C1 = 4.7µF,
C2 = 4.7µF, IOUT = 0A (see “Typical Applications” on page 2). Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
SUPPLY
Undervoltage Lockout Threshold (UVLO)
VUVLO
TA = +25°C, Rising
-
2.5
2.7
V
UVLO Hysteresis
50
150
-
mV
Quiescent Supply Current (for ISL9104
adjustable output voltage only)
IVIN1
In skip mode, no load at the output, no switch,
VIN = 6.0V
-20
34
µA
Quiescent Supply Current (for ISL9104A
adjustable output only)
IVIN2
In skip mode, no load at the output, no switch,
VIN = 6.0V
-32
45
µA
Quiescent Supply Current (for ISL9104A 1.5V
fixed output)
In skip mode, no load at the output, VIN =6.0V
-
84
-
µA
Shut Down Supply Current
ISD
VIN = 6.0V, EN = LOW
-
0.05
1
µA
OUTPUT REGULATION
FB Voltage Accuracy (for adjustable output only)
TA = 0°C to +85°C
-2
-
+2
%
-2.5
-
+2.5
%
FB Voltage
VFB
0.8
V
FB Bias Current (for adjustable output only)
IFB
VFB = 0.75V
-
5
100
nA
Output Voltage Accuracy (for fixed output
voltage only)
PWM Mode
-3
-
3
%
Line Regulation
VIN = VO + 0.5V to 6V (minimal 2.7V)
-
0.2
-
%/V
Load Regulation
VIN =3.6V, IO = 150mA to 500mA
-
0.0009
-
%/mA
SW
P-Channel MOSFET ON-Resistance
VIN = 3.6V, IO = 200mA
-
0.45
0.6
VIN = 2.7V, IO = 200mA
-
0.55
0.72
N-Channel MOSFET ON-Resistance
VIN = 3.6V, IO = 200mA
-
0.4
0.52
VIN = 2.7V, IO = 200mA
-
0.5
0.65
N-Channel Bleeding MOSFET ON-Resistance
-
100
-
P-Channel MOSFET Peak Current Limit
IPK
VIN = 4.2V
0.75
1.00
1.35
A
Maximum Duty Cycle
-100
-
%


Similar Part No. - ISL9104IRUNZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104IRUNZ-T INTERSIL-ISL9104IRUNZ-T Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104IRUNZ-T INTERSIL-ISL9104IRUNZ-T Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
More results

Similar Description - ISL9104IRUNZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com