Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9104IRUDZ-T Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL9104IRUDZ-T
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9104IRUDZ-T Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL9104IRUDZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9104IRUDZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9104IRUDZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9104IRUDZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL9104IRUDZ-T Datasheet HTML 10Page - Renesas Technology Corp ISL9104IRUDZ-T Datasheet HTML 11Page - Renesas Technology Corp ISL9104IRUDZ-T Datasheet HTML 12Page - Renesas Technology Corp ISL9104IRUDZ-T Datasheet HTML 13Page - Renesas Technology Corp ISL9104IRUDZ-T Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL9104, ISL9104A
FN6829 Rev 5.00
Page 11 of 14
Overcurrent Protection
The overcurrent protection is provided on ISL9104, ISL9104A when
overload condition happens. It is realized by monitoring the CSA
output with the OCP comparator, as shown in Figure 23 on page 9.
When the current at P-Channel MOSFET is sensed to reach the
current limit, the OCP comparator is trigged to turn off the
P-Channel MOSFET immediately.
Short-Circuit Protection
ISL9104, ISL9104A has a Short-Circuit Protection (SCP)
comparator, which monitors the FB pin voltage for output short-
circuit protection. When the output voltage is sensed to be lower
than a certain threshold, the SCP comparator reduces the PWM
oscillator frequency to a much lower frequency to protect the IC
from being damaged.
Undervoltage Lockout (UVLO)
When the input voltage is below the Undervoltage Lock Out
(UVLO) threshold, ISL9104, ISL9104A is disabled.
Soft-Start
The soft-start feature eliminates the in-rush current during the circuit
start-up. The soft-start block outputs a ramp reference to both the
voltage loop and the current loop. The two ramps limit the inductor
current rising speed as well as the output voltage speed so that the
output voltage rises in a controlled fashion.
Low Dropout Operation
The ISL9104, ISL9104A features low dropout operation to maximize
the battery life. When the input voltage drops to a level that
ISL9104, ISL9104A can no longer operate under switching
regulation to maintain the output voltage, the P-Channel MOSFET is
completely turned on (100% duty cycle). The dropout voltage under
such condition is the product of the load current and the
ON-resistance of the P-Channel MOSFET. Minimum required input
voltage VIN under this condition is the sum of output voltage plus the
voltage drop cross the inductor and the P-Channel MOSFET switch.
Thermal Shut Down
The ISL9104, ISL9104A provides built-in thermal protection
function. The thermal shutdown threshold temperature is
+130°C (typ) with a 30°C (typ) hysteresis. When the internal
temperature is sensed to reach +130°C, the regulator is
completely shut down and as the temperature drops to +100°C
(typ), the ISL9104, ISL9104A resumes operation starting from
the soft-start.
Applications Information
Inductor and Output Capacitor Selection
To achieve better steady state and transient response, ISL9104,
ISL9104A typically uses a 1.0µH inductor. The peak-to-peak
inductor current ripple can be expressed in Equation 1:
In Equation 1, usually the typical values can be used but to have
a more conservative estimation, the inductance should consider
the value with worst case tolerance; and for switching frequency
fS, the minimum fS from the “Electrical Specifications” table on
page 4 can be used.
To select the inductor, its saturation current rating should be at
least higher than the sum of the maximum output current and
half of the delta calculated from Equation 1. Another more
conservative approach is to select the inductor with the current
rating higher than the P-Channel MOSFET peak current limit.
Another consideration is the inductor DC resistance since it
directly affects the efficiency of the converter. Ideally, the
inductor with the lower DC resistance should be considered to
achieve higher efficiency.
Inductor specifications could be different from different
manufacturers so please check with each manufacturer if
additional information is needed.
For the output capacitor, a ceramic capacitor can be used
because of the low ESR values, which helps to minimize the
output voltage ripple. A typical value of 4.7µF/6.3V ceramic
capacitor should be enough for most of the applications and the
capacitor should be X5R or X7R.
Input Capacitor Selection
The main function for the input capacitor is to provide decoupling
of the parasitic inductance and to provide filtering function to
prevent the switching current from flowing back to the battery rail.
A 4.7µF/6.3V ceramic capacitor (X5R or X7R) is a good starting
point for the input capacitor selection.
Output Voltage Setting Resistor Selection
For ISL9104, ISL9104A adjustable output option, the voltage
resistors, R1 and R2, as shown in Figure 2, set the desired output
voltage values. The output voltage can be calculated using
Equation 2:
where VFB is the feedback voltage (typically it is 0.8V). The
current flowing through the voltage divider resistors can be
calculated as VO/(R1 + R2), so larger resistance is desirable to
minimize this current. On the other hand, the FB pin has leakage
current that will cause error in the output voltage setting. The
leakage current has a typical value of 0.1µA. To minimize the
accuracy impact on the output voltage, select the R2 no larger
than 200k
.
For adjustable output versions, C3 (shown in Figure 2 on page 2)
is highly recommended for improving stability and achieving
better transient response.
Table 1 provides the recommended component values for some
output voltage options.
I
VO 1
VO
VIN
--------



LfS
------------------------------------
=
(EQ. 1)
VO
VFB 1
R1
R2
-------
+



=
(EQ. 2)


Similar Part No. - ISL9104IRUDZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104IRUDZ-T INTERSIL-ISL9104IRUDZ-T Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104IRUDZ-T INTERSIL-ISL9104IRUDZ-T Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
More results

Similar Description - ISL9104IRUDZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com