Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9104AIRUNZ-T Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL9104AIRUNZ-T
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9104AIRUNZ-T Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL9104AIRUNZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9104AIRUNZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9104AIRUNZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9104AIRUNZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL9104AIRUNZ-T Datasheet HTML 10Page - Renesas Technology Corp ISL9104AIRUNZ-T Datasheet HTML 11Page - Renesas Technology Corp ISL9104AIRUNZ-T Datasheet HTML 12Page - Renesas Technology Corp ISL9104AIRUNZ-T Datasheet HTML 13Page - Renesas Technology Corp ISL9104AIRUNZ-T Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ISL9104, ISL9104A
FN6829 Rev 5.00
Page 10 of 14
The PWM operation is initialized by the clock from the oscillator.
The P-Channel MOSFET is turned on at the beginning of a PWM
cycle and the current in the P-Channel MOSFET starts ramping
up. When the sum of the CSA output and the compensation
slope reaches the control reference of the current loop, the PWM
comparator COMP sends a signal to the PWM logic to turn off the
P-Channel MOSFET and to turn on the N-Channel MOSFET. The
N-MOSFET remains on till the end of the PWM cycle. Figure 24
shows the typical operating waveforms during the normal PWM
operation. The dotted lines illustrate the sum of the slope
compensation ramp and the CSA output.
The output voltage is regulated by controlling the reference
voltage to the current loop. The bandgap circuit outputs a 0.8V
reference voltage to the voltage control loop. The feedback signal
comes from the FB pin. The soft-start block only affects the
operation during the start-up and will be discussed separately in
“Soft-Start” on page 11. The EAMP is a transconductance
amplifier, which converts the voltage error signal to a current
output. The voltage loop is internally compensated by a RC
network. The maximum EAMP voltage output is precisely
clamped to the bandgap voltage.
Skip Mode (PFM Mode)
Under light load condition, ISL9104, ISL9104A automatically
enters a pulse-skipping mode to minimize the switching loss by
reducing the switching frequency. Figure 25 illustrates the skip
mode operation. A zero-cross sensing circuit (as shown in Figure
23) monitors the current flowing through SW node for zero
crossing. When it is detected to cross zero for 16-consecutive
cycles, the regulator enters the skip mode. During the 16-
consecutive cycles, the inductor current could be negative. The
counter is reset to zero when the sensed current flowing through
SW node does not cross zero during any cycle within the 16-
consecutive cycles. Once ISL9104, ISL9104A enters the skip
mode, the pulse modulation starts being controlled by the SKIP
comparator shown in Figure 23. Each pulse cycle is still
synchronized by the PWM clock. The P-Channel MOSFET is turned
on at the rising edge of clock and turned off when its current
reaches ~20% of the peak current limit. As the average inductor
current in each cycle is higher than the average current of the
load, the output voltage rises cycle over cycle. When the output
voltage is sensed to reach 1.5% above its nominal voltage, the
P-Channel MOSFET is turned off immediately and the inductor
current is fully discharged to zero and stays at zero. The output
voltage reduces gradually due to the load current discharging the
output capacitor. When the output voltage drops to the nominal
voltage, the P-Channel MOSFET will be turned on again,
repeating the previous operations.
The regulator resumes normal PWM mode operation when the
output voltage is sensed to drop below 1.5% of its nominal
voltage value.
Enable
The enable (EN) pin allows user to enable or disable the converter
for purposes such as power-up sequencing. With EN pin pulled to
high, the converter is enabled and the internal reference circuit
wakes up first and then the soft start-up begins. When EN pin is
pulled to logic low, the converter is disabled, both P-Channel
MOSFET and N-Channel MOSFETS are turned off, and the output
capacitor is discharged through internal discharge path.
FIGURE 24. PWM OPERATION WAVEFORMS
vEAMP
d
iL
vOUT
vCSA
16 CYCLES
CLOCK
IL
VOUT
0
VOUT_NOMINAL
20% PEAK CURRENT LIMIT
1.015*VOUT_NOMINAL
FIGURE 25. SKIP MODE OPERATION WAVEFORMS


Similar Part No. - ISL9104AIRUNZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104AIRUNZ-T INTERSIL-ISL9104AIRUNZ-T Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104AIRUNZ-T INTERSIL-ISL9104AIRUNZ-T Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
More results

Similar Description - ISL9104AIRUNZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com