Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9104AIRUAEVAL1Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL9104AIRUAEVAL1Z
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9104AIRUAEVAL1Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL9104AIRUAEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL9104AIRUAEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL9104AIRUAEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL9104AIRUAEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL9104AIRUAEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL9104AIRUAEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL9104AIRUAEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL9104AIRUAEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL9104AIRUAEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN6829 Rev 5.00
Page 1 of 14
FN6829
Rev 5.00
ISL9104, ISL9104A
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
DATASHEET
The ISL9104, ISL9104A is a 500mA, 4.3MHz step-down
regulator, which is ideal for powering low-voltage
microprocessors in compact devices such as PDAs and cellular
phones. It is optimized for generating low output voltages
down to 0.8V. The supply voltage range is from 2.7V to 6V
allowing the use of a single Li+ cell, three NiMH cells or a
regulated 5V input. It has guaranteed minimum output current
of 500mA. A high switching frequency of 4.3MHz pulse-width
modulation (PWM) allows using small external components.
Under light load condition, the device operates at low IQ skip
mode with typical 20µA quiescent current for highest light
load efficiency to maximize battery life, and it automatically
switches to fixed frequency PWM mode under heavy load
condition.
The ISL9104, ISL9104A includes a pair of low ON-resistance
P-Channel and N-Channel internal MOSFETs to maximize
system efficiency and minimize the external component count.
100% duty-cycle operation allows less than 300mV dropout
voltage at 500mA.
The ISL9104, ISL9104A offers internal digital soft-start,
enable for power sequence, overcurrent protection and
thermal shutdown functions. In addition, the ISL9104,
ISL9104A offers a quick bleeding function that discharges the
output capacitor when the IC is disabled.
The ISL9104, ISL9104A is offered in a 1.6x1.6mm µTDFN
package. The complete converter occupies less than 0.5CM2.
Applications
• Single Li-ion Battery-Powered Equipment
• Mobile Phones and MP3 Players
• PDAs and Palmtops
• WCDMA Handsets
•Portable Instruments
Features
• High Efficiency Integrated Synchronous Buck Regulator with
up to 93% Efficiency
• 2.7V to 6.0V Supply Voltage
• 4.3MHz PWM Switching Frequency
• 500mA Guaranteed Output Current
• 3% Output Accuracy Over-Temperature and Line for Fixed
Output Options
• 20µA Quiescent Supply Current in Skip Mode
• Less than 1µA Logic Controlled Shutdown Current
• 100% Maximum Duty Cycle for Lowest Dropout
• Ultrasonic Switching Frequency at Skip Mode to Prevent
Audible Frequency Noise (For ISL9104A Only)
• Discharge Output Capacitor when Disabled
• Internal Digital Soft-Start
• Peak Current Limiting, Short Circuit Protection
• Over-Temperature Protection
•Chip Enable
• Small 6 Pin 1.6mmx1.6mm µTDFN Package
• Pb-Free (RoHS Compliant)
Related Literature
• See AN1522, “ISL9104xxxxEVAL1Z, ISL9104AxxxxEVAL1Z
Evaluation Board Application Manual”
Pin Configuration
ISL9104, ISL9104A
(6 LD 1.6x1.6 µTDFN)
TOP VIEW
1
2
3
6
4
5
VIN
EN
NC
SW
GND
FB
100
95
90
85
80
75
70
65
60
55
50
1
10
100
1000
IOUT (mA)
FIGURE 1. EFFICIENCY vs OUTPUT CURRENT
VIN = 2.7V
VOUT = 1.8V
L = 1µH


Similar Part No. - ISL9104AIRUAEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104AIRUAZ-T INTERSIL-ISL9104AIRUAZ-T Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9104AIRUAEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com