Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9104AIRUJEVAL1Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL9104AIRUJEVAL1Z
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9104AIRUJEVAL1Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL9104AIRUJEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL9104AIRUJEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL9104AIRUJEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL9104AIRUJEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL9104AIRUJEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL9104AIRUJEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL9104AIRUJEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL9104AIRUJEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL9104AIRUJEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ISL9104, ISL9104A
FN6829 Rev 5.00
Page 9 of 14
Block Diagram
Theory of Operation
The ISL9104, ISL9104A is a step-down switching regulator
optimized for battery-powered handheld applications. The
regulator operates at typical 4.3MHz fixed switching frequency
under heavy load condition to allow small external inductor and
capacitors to be used for minimal printed-circuit board (PCB)
area. At light load, the regulator can automatically enter the skip
mode (PFM mode) to reduce the switching frequency to minimize
the switching loss and to maximize the battery life. The quiescent
current under skip mode under no load and no switch condition
is typically only 20µA. The supply current is typically only 0.05µA
when the regulator is disabled.
PWM Control Scheme
The ISL9104, ISL9104A uses the peak-current-mode pulse-width
modulation (PWM) control scheme for fast transient response
and pulse-by-pulse current limiting. Figure 23 shows the circuit
functional block diagram. The current loop consists of the
oscillator, the PWM comparator COMP, current sensing circuit,
and the slope compensation for the current loop stability. The
current sensing circuit consists of the resistance of the P-Channel
MOSFET when it is turned on and the Current Sense Amplifier
(CSA). The control reference for the current loops comes from the
Error Amplifier (EAMP) of the voltage loop.
SW
+
CSA
+
+
OCP
VREF1
SKIP
+
X
SLOPE
COMP
SOF
T
STAR
T
SOFT-
START
VREF
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
SHUTDOWN
VIN
GND
OSCILLATOR
ZERO-CROSS
SENSING
BLEEDING
FET
*NOTE
BANDGAP
SCP
+
EN
SHUTDOWN
100
VREF2
VREF3
*NOTE: FOR FIXED OUTPUT OPTIONS ONLY
FIGURE 23. FUNCTIONAL BLOCK DIAGRAM
NOTE: For Adjustable output version, the internal feedback resistor divider is disabled and the FB pin is directly connected
to the error amplifier.


Similar Part No. - ISL9104AIRUJEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104AIRUJZ-T INTERSIL-ISL9104AIRUJZ-T Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104AIRUJZ-T INTERSIL-ISL9104AIRUJZ-T Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
More results

Similar Description - ISL9104AIRUJEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com