Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5610SKG Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # SP5610SKG
Description  1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5610SKG Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button SP5610SKG Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5610SKG Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5610SKG Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5610SKG Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5610SKG Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5610SKG Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5610SKG Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5610SKG Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5610SKG Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SP5610
4
FUNCTIONAL DESCRIPTION
The SP5610 is programmed from an I2C Bus. Data and
Clock are fed in on the SDA and SCL lines respectively as
defined by the I2C Bus format. The synthesiser can either
accept new data (write mode) or send data (read mode). The
LSB of the address byte (R/W) sets the device into write mode
if it is low and read mode if it is high. The Tables in Fig. 3
illustrate the format of the data. The device can be
programmed to respond to several addresses, which enables
the use of more than one synthesiser in an I2C Bus system.
Table 4 shows how the address is selected by applying a
voltage to P3. When the device receives a correct address
byte, it pulls the SDA line low during the acknowledge period,
and during following acknowledge periods after further data
bytes are programmed. When the device is programmed into
the read mode, the controller accepting the data must pull the
SDA line low during all status byte acknowledge periods to
read another status byte. If the controller fails to pull the SDA
line low during this period, the device generates an internal
STOP condition, which inhibits further reading.
WRITE MODE (Frequency Synthesis)
When the device is in write mode bytes 2+3 select the
synthesised frequency, while bytes 4+5 control the output port
states, charge pump, reference divider ratio and various test
modes.
Once the correct address is received and acknowledged,
the first bit of the next byte determines whether that byte is
interpreted as byte 2 or 4; a logic 0 for frequency information
and a logic 1 for control and output port information. When byte
2 is received the device always expects byte 3 next. Similarly,
when byte 4 is received the device expects byte 5 next.
Additional data bytes can be entered without the need to
re–address the device until an I2C stop condition is
recognised. This allows a smooth frequency sweep for fine
tuning or AFC purposes.
If the transmission of data is stopped mid–byte (e.g. by
another device on the bus) then the previously programmed
byte is maintained.
Frequency data from bytes 2 and 3 is stored in a 15–bit
register and is used to control the division ratio of the 15–bit
programmable divider. This is preceded by a divide–by–8
prescaler and amplifier to give excellent sensitivity at the local
oscillator input, see Fig. 5. The input impedance is shown in
Fig. 7.
The programmed frequency can be calculated by
multiplying the programmed division ratio by 8 times the
comparison frequency FCOMP .
When frequency data is entered, the phase comparator, via
a charge pump and varicap drive amplifier, adjusts the local
oscillator control voltage until the output of the programmable
divider is frequency and phased locked to the comparison
frequency.
The reference frequency may be generated by an external
source capacitively coupled into pin 2, or provided by an
on–board crystal controlled oscillator. The comparison
frequency FCOMP is derived from the reference frequency via
the reference divider. The reference divider division ratio is
switchable from 512 to 1024, and is controlled by bit 7 of byte
4 (TS0); a logic 1 for 512; a logic 0 for 1024. The SP5610 differs
from the SP5510 in this respect, only 512 being available on
the SP5510. Note, the comparison frequency is 7.8125kHz
when a 4MHz reference is used, and divide by 512 is selected.
Bit 2 of byte 4 of the programming data (CP) controls the
current in the charge pump circuit, a logic 1 for
"170mA and
a logic 0 for
"50mA allowing compensation for the variable
tuning slope of the tuner and also to enable fast channel
changes over the full band. When the device is ‘frequency
locked’ the charge pump current is internally set to
"50mA
regardless of CP.
Bit 4 of byte 4 (T0) disables the charge pump when it is set
to a logic 1.
Bit 8 of byte 4 (OS) switches the charge pump drive
amplifier’s output off when it is set to a logic 1.
Bit 3 of byte 4 (T1) enables various test modes when set
high. These modes are selected by bits 5, 6, 7 of byte 4 (TS2,
TS1, TS0) as detailed in Table 5. When T1 is set low, TS2 and
TS1 are assigned a ‘don’t care’ condition, and TS0 selects the
reference divider ratio as previously described.
Byte 5 programs the output ports P3 to P7; a logic 0 for a
high impedance output and a logic 1 for low impedance (on).
READ MODE
When the device is in read mode the status byte read from
the device on the SDA line takes the form shown in Table 2.
Bit 1 (POR) is the power–on reset indicator and is set to a
logic 1 if the VCC supply to the device has dropped below 3V
(at 25
°C), e.g. when the device is initially turned on. The POR
is reset to 0 when the read sequence is terminated by a stop
command. When POR is set high (at low VCC), the
programmed information is lost and the output ports are all set
to high impedance.
Bit 2 (FL) indicates whether the device is phase locked, a
logic 1 is present if the device is locked, and a logic 0 if the
device is unlocked.
Bits 3, 4 and 5 (I2, I1, I0) show the status of the I/O Ports P7,
P5 and P4 respectively. A logic 0 indicates a low level and a
logic 1 a high level. If the ports are to be used as inputs they
should be programmed to a high impedance state (logic 1).
These inputs will then respond to data complying with TTL
type voltage levels.
Bits 6, 7 and 8 (A2, A1, A0) combine to give the output of
the 5 level ADC. The ADC can be used to feed AFC
information to the microprocessor from the IF section of the
receiver, as illustrated in the typical application circuit.
APPLICATION
A typical application is shown in Fig. 4. All input/output
interface circuits are shown in Fig. 6. The SP5610 is function
and pin equivalent to the SP5510 device apart from the
switchable reference divider, and has much lower power
dissipation, improved RF sensitivity and better ESD
performance.


Similar Part No. - SP5610SKG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5611KG MITEL-SP5611KG Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5611KGMPAS MITEL-SP5611KGMPAS Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5611SKG MITEL-SP5611SKG Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5611SKGMPAD MITEL-SP5611SKGMPAD Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
More results

Similar Description - SP5610SKG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
   2.6GHz Bidirectional I2C BUS Controlled Synthesiser
logo
NXP Semiconductors
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com