Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12242 Datasheet(PDF) 7 Page - Ledil, Inc.

Part # CA12242
Description  ~15째 smooth spot beam
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12242 Datasheet(HTML) 7 Page - Ledil, Inc.

  CA12242_18 Datasheet HTML 1Page - Ledil, Inc. CA12242_18 Datasheet HTML 2Page - Ledil, Inc. CA12242_18 Datasheet HTML 3Page - Ledil, Inc. CA12242_18 Datasheet HTML 4Page - Ledil, Inc. CA12242_18 Datasheet HTML 5Page - Ledil, Inc. CA12242_18 Datasheet HTML 6Page - Ledil, Inc. CA12242_18 Datasheet HTML 7Page - Ledil, Inc. CA12242_18 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PRODUCT
DATASHEET
CA12242_HEIDI-SS
PHOTOMETRIC DATA (SIMULATED):
LED
XP-G3
FWHM
17.0°
Efficiency
94 %
Peak intensity
7.810 cd/lm
Required components:
LED
LUXEON Z ES
FWHM
13.0°
Efficiency
94 %
Peak intensity
14.900 cd/lm
Required components:
LED
Oslon Square Gen3
FWHM
17.0°
Efficiency
94 %
Peak intensity
8.300 cd/lm
Required components:
Last update: 07/06/2018
Subject to change without prior notice
7/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12242_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12242 LEDIL-CA12242 Datasheet
1Mb / 31P
   Heidi Assembly
More results

Similar Description - CA12242_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10385 LEDIL-C10385 Datasheet
2Mb / 5P
   ~15째 smooth spot beam
CA16256 LEDIL-CA16256 Datasheet
5Mb / 7P
   ~15째 smooth spot beam
C12476 LEDIL-C12476 Datasheet
12Mb / 24P
   ~15째 spot beam
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
   ~15째 spot beam
C14678 LEDIL-C14678 Datasheet
2Mb / 7P
   ~15째 spot beam
C11552 LEDIL-C11552_18 Datasheet
2Mb / 5P
   ~15째 spot beam
C16819 LEDIL-C16819 Datasheet
2Mb / 6P
   ~15째 spot beam
C16823 LEDIL-C16823 Datasheet
2Mb / 6P
   ~15째 spot beam
C12607 LEDIL-C12607 Datasheet
7Mb / 7P
   ~15째 spot beam
C16899 LEDIL-C16899 Datasheet
2Mb / 5P
   ~15째 spot beam
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com