Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7PA04FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7PA04FU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA04FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7PA04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 7Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7PA04FU
2002-08-21
4
DC Characteristics (Ta
==== ----40~~~~85°°°°C, 1.8 V <<<<==== VCC < 2.3 V)
AC Electrical Characteristics (Ta
==== ----40~~~~85°°°°C, input tr ==== tf ==== 2.0 ns, CL ==== 30 pF, RL ==== 500 W
W
W
W)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.0
7.4
2.5
± 0.2
0.8
3.7
Propagation delay time
tpLH
tpHL
(Figure 1 and 2)
3.3
± 0.3
0.6
2.8
ns
For CL
= 50 pF, add approximately 300 ps to the AC maximum specification.
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High-Level Input Voltage
VIH
¾
1.8~2.3
0.7
´
VCC
¾
Low-Level Input Voltage
VIL
¾
1.8~2.3
¾
0.2
´
VCC
V
IOH = -100 mA
1.8
VCC
- 0.2
¾
High-Level Output Voltage
VOH
VIN = VIL
IOH = -6 mA
1.8
1.4
¾
IOL = 100 mA
1.8
¾
0.2
Low-Level Output Voltage
VOL
VIN = VIH
IOL = 6 mA
1.8
¾
0.3
V
Input Leakage Current
IIN
VIN = 0~3.6 V
1.8
¾
±5.0
mA
Power-off Leakage Current
IOFF
VIN, VOUT = 0~3.6 V
0
¾
10.0
mA
VIN = VCC or GND
1.8
¾
20.0
Quiescent Supply Current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
¾
±20.0
mA


Similar Part No. - TC7PA04FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU Datasheet
184Kb / 8P
   Dual Inverter
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
More results

Similar Description - TC7PA04FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com