Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1000C22K2L Datasheet(PDF) 4 Page - International Rectifier

Part # ST1000C22K2L
Description  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST1000C22K2L Datasheet(HTML) 4 Page - International Rectifier

  ST1000C22K2L Datasheet HTML 1Page - International Rectifier ST1000C22K2L Datasheet HTML 2Page - International Rectifier ST1000C22K2L Datasheet HTML 3Page - International Rectifier ST1000C22K2L Datasheet HTML 4Page - International Rectifier ST1000C22K2L Datasheet HTML 5Page - International Rectifier ST1000C22K2L Datasheet HTML 6Page - International Rectifier ST1000C22K2L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ST1000C..K Series
4
Bulletin I25202 rev. A 01/00
www.irf.com
ST
100
0
C
26
K
1
1
23
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings Table)
6
-
K = Puk Case A-24 (K-PUK)
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads)
1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads)
2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads)
3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads)
8
-
Critical dv/dt: None = 500V/µsec (Standard selection)
L
= 1000V/µsec (Special selection)
4
Device Code
5
6
7
Parameter
ST1000C..K
Units Conditions
Thermal and Mechanical Specifications
8
Ordering Information Table
∆R
thJC
Conduction
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
Sinusoidal conduction
Rectangular conduction
Single Side
Double Side
Single Side
Double Side
Conduction angle
Units
Conditions
180°
0.003
0.003
0.002
0.002
120°
0.004
0.004
0.004
0.004
90°
0.005
0.005
0.005
0.005
K/W
T
J = TJ max.
60°
0.007
0.007
0.007
0.007
30°
0.012
0.012
0.012
0.012
T
J
Max. junction operating temperature range
- 40 to 125
°C
Tstg
Max. storage temperature range
- 40 to 150
RthJ-hs Max. thermal resistance, junction to
0.042
K/W
DC operation single side cooled
heatsink
0.021
DC operation double side cooled
RthC-hs Max. thermal resistance, case to
0.006
K/W
DC operation single side cooled
heatsink
0.003
DC operation double side cooled
F
Mounting force, ± 10%
24500
N
(2500)
(Kg)
wt
Approximate weight
425
g
Case style
A-24 (K-PUK)
See outline table


Similar Part No. - ST1000C22K2L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST1000C22K2L VISHAY-ST1000C22K2L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
ST1000C22K2L VISHAY-ST1000C22K2L Datasheet
143Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 02-Feb-11
More results

Similar Description - ST1000C22K2L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com