Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2711GQE Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK2711GQE
Description  1.6 TO 2.7 GBPS TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2711GQE Datasheet(HTML) 1 Page - Texas Instruments

  TLK2711GQE Datasheet HTML 1Page - Texas Instruments TLK2711GQE Datasheet HTML 2Page - Texas Instruments TLK2711GQE Datasheet HTML 3Page - Texas Instruments TLK2711GQE Datasheet HTML 4Page - Texas Instruments TLK2711GQE Datasheet HTML 5Page - Texas Instruments TLK2711GQE Datasheet HTML 6Page - Texas Instruments TLK2711GQE Datasheet HTML 7Page - Texas Instruments TLK2711GQE Datasheet HTML 8Page - Texas Instruments TLK2711GQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLK2711
1.6 TO 2.7 GBPS TRANSCEIVER
SLLS501 – SEPTEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 1.6 to 2.7 Gigabits Per Second (Gbps)
Serializer/Deserializer
D Hot-Plug Protection
D High-Performance 80-Pin BGA Microstar
Junior
 Package (GQE)
D 2.5-V Power Supply for Low Power
Operation
D Programmable Preemphasis Levels on
Serial Output
D Interfaces to Backplane, Copper Cables, or
Optical Converters
D On-Chip 8-bit/10-bit Encoding/Decoding,
Comma Detect
D On-Chip PLL Provides Clock Synthesis
From Low-Speed Reference
D Receiver Differential Input Thresholds
200 mV Minimum
D Low Power: < 500 mW
D 3 V Tolerance on Parallel Data Input Signals
D 16-Bit Parallel TTL Compatible Data
Interface
D Ideal for High-Speed Backplane
Interconnect and Point-to-Point Data Link
D Industrial Temperature Range (–40°C to
85
°C RCP Package Only)
D Loss of Signal (LOS) Detection
D Integrated 50-Ω Termination Resistors on
RX
description
The TLK2711 is a member of the WizardLink transceiver family of multigigabit transceivers, intended for use
in ultrahigh-speed bidirectional point-to-point data transmission systems. The TLK2711 supports an effective
serial interface speed of 1.6 Gbps to 2.7 Gbps, providing up to 2.16 Gbps of data bandwidth.
The primary application of this chip is to provide very high-speed I/O data channels for point-to-point baseband
data transmission over controlled impedance media of approximately 50
Ω. The transmission media can be
printed-circuit board, copper cables, or fiber-optic cable. The maximum rate and distance of data transfer is
dependent upon the attenuation characteristics of the media and the noise coupling to the environment.
This device can also be used to replace parallel data transmission architectures by providing a reduction in the
number of traces, connector terminals, and transmit/receive terminals. Parallel data loaded into the transmitter
is delivered to the receiver over a serial channel, which can be a coaxial copper cable, a controlled impedance
backplane, or an optical link. It is then reconstructed into its original parallel format. It offers significant power
and cost savings over parallel solutions, as well as scalability for higher data rates in the future.
The TLK2711 performs data conversion parallel-to-serial and serial-to-parallel. The clock extraction functions
as a physical layer interface device. The serial transceiver interface operates at a maximum speed of 2.7 Gbps.
The transmitter latches 16-bit parallel data at a rate based on the supplied reference clock (TXCLK). The 16-bit
parallel data is internally encoded into 20 bits using an 8-bit/10-bit (8b/10b) encoding format. The resulting 20-bit
word is then transmitted differentially at 20 times the reference clock (TXCLK) rate. The receiver section
performs the serial-to-parallel conversion on the input data, synchronizing the resulting 20-bit wide parallel data
to the recovered clock (RXCLK). It then decodes the 20-bit wide data using the 8-bit/10-bit decoding format
resulting in 16 bits of parallel data at the receive data terminals (RXD0-15). The outcome is an effective data
payload of 2 Gbps to 2.5 Gbps (16 bits data x the frequency).
The TLK2711 is provided in two packages options: a 80-pin ball grid array MicroStar Junior package and a
64-pin VQFP (RCP) package.
The TLK2711 provides an internal loopback capability for self-test purposes. Serial data from the serializer is
passed directly to the deserializer, providing the protocol device with a functional self-check of the physical
interface.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
MicroStar Junior and PowerPAD are trademarks of Texas Instruments.


Similar Part No. - TLK2711GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711A TI1-TLK2711A Datasheet
1,007Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
More results

Similar Description - TLK2711GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711JRZQE TI1-TLK2711JRZQE Datasheet
619Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711A TI1-TLK2711A Datasheet
1,007Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com