Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2711GQE Datasheet(PDF) 2 Page - Texas Instruments

Part # TLK2711GQE
Description  1.6 TO 2.7 GBPS TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2711GQE Datasheet(HTML) 2 Page - Texas Instruments

  TLK2711GQE Datasheet HTML 1Page - Texas Instruments TLK2711GQE Datasheet HTML 2Page - Texas Instruments TLK2711GQE Datasheet HTML 3Page - Texas Instruments TLK2711GQE Datasheet HTML 4Page - Texas Instruments TLK2711GQE Datasheet HTML 5Page - Texas Instruments TLK2711GQE Datasheet HTML 6Page - Texas Instruments TLK2711GQE Datasheet HTML 7Page - Texas Instruments TLK2711GQE Datasheet HTML 8Page - Texas Instruments TLK2711GQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TLK2711
1.6 TO 2.7 GBPS TRANSCEIVER
SLLS501 – SEPTEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TLK2711 has a loss of signal (LOS) detection circuit for conditions where the incoming signal no longer has
a sufficient voltage amplitude to keep the clock recovery circuit in lock.
The TLK2711 allows users to implement redundant ports by connecting receive data bus terminals from two
TLK2711 devices together. Asserting the LCKREFN to a low state will cause the receive data bus terminals,
RXD[0:15], RXCLK, RKLSB, and RKMSB to go to a high-impedance state. This places the device in a
transmit-only mode since the receiver is not tracking the data.
The TLK2711 uses a 2.5-V supply. The I/O section is 3 V compatible. With the 2.5-V supply the chipset is very
power efficient, consuming less than 450 mW typically. The TLK2711 is characterized for operation from –40
°C
to 85
°C (RCP only).
The TLK2711 is designed to be hot-plug capable. An on-chip power-on reset circuit holds the RXCLK low and
goes to high impedance on the parallel side output signal terminals as well as TXP and TXN during power up.


Similar Part No. - TLK2711GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711A TI1-TLK2711A Datasheet
1,007Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
More results

Similar Description - TLK2711GQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711JRZQE TI1-TLK2711JRZQE Datasheet
619Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711A TI1-TLK2711A Datasheet
1,007Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com